Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP036N10A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDP036N10A
Description  N-Channel PowerTrench짰 MOSFET 100V, 214A, 3.6m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP036N10A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDP036N10A Datasheet HTML 1Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 2Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 3Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 4Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 5Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 6Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 7Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 8Page - Fairchild Semiconductor FDP036N10A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
FDP036N10A Rev. A3
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDP036N10A
FDP036N10A
TO-220
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250μA, VGS = 0V, TC = 25
oC
100
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25
oC
-
0.07
-
V/oC
IDSS
Zero Gate Voltage Drain Current
VDS = 80V, VGS = 0V
-
-
1
μA
VDS = 80V, TC = 150
oC-
-
500
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA
2.0
3.0
4.0
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 75A
-
3.2
3.6
m
Ω
gFS
Forward Transconductance
VDS = 10V, ID = 75A
(Note 4)
-
167
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
5485
7295
pF
Coss
Output Capacitance
-
2430
3230
pF
Crss
Reverse Transfer Capacitance
-
210
315
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 80V, ID = 75A
VGS = 10V
-
89
116
nC
Qgs
Gate to Source Gate Charge
-
24
-
nC
Qgs2
Gate Charge Threshold to Plateau
-
8
-
nC
Qgd
Gate to Drain “Miller” Charge
-
25
-
nC
td(on)
Turn-On Delay Time
VDD = 50V, ID = 75A
VGS = 10V, RGEN = 4.7Ω
-22
54
ns
tr
Turn-On Rise Time
-
54
118
ns
td(off)
Turn-Off Delay Time
-
37
84
ns
tf
Turn-Off Fall Time
-
11
32
ns
ESR
Equivalent Series Resistance (G-S)
-
1.2
-
Ω
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
214
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
856
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 75A
-
-
1.25
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 75A, VDD = 80V
dIF/dt = 100A/μs
-72
-
ns
Qrr
Reverse Recovery Charge
-
129
-
nC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. Starting TJ = 25°C, L = 1mH, IAS = 36.3A
3. ISD ≤ 75A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FDP036N10A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP036N10A ISC-FDP036N10A Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP036N10A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB035N10A FAIRCHILD-FDB035N10A Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 214A, 3.5m廓
FDB3652 FAIRCHILD-FDB3652_08 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
FDP054N10 FAIRCHILD-FDP054N10_12 Datasheet
290Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 144A, 5.5m廓
FDP085N10A FAIRCHILD-FDP085N10A Datasheet
325Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100V, 96A, 8.5m廓
FDP150N10 FAIRCHILD-FDP150N10 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET100V, 57A, 15m廓
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDM3622 FAIRCHILD-FDM3622_12 Datasheet
379Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 4.4A, 60m廓
FDP100N10 FAIRCHILD-FDP100N10_12 Datasheet
417Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 10m廓
FDB120N10 FAIRCHILD-FDB120N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 74A, 12m廓
FDB3652_F085 FAIRCHILD-FDB3652_F085 Datasheet
476Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 61A, 16m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com