Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM9PH Datasheet(PDF) 94 Page - ITT Industries

Part No. DEM9PH
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PH Datasheet(HTML) 94 Page - ITT Industries

Back Button DEM9PH Datasheet HTML 90Page - ITT Industries DEM9PH Datasheet HTML 91Page - ITT Industries DEM9PH Datasheet HTML 92Page - ITT Industries DEM9PH Datasheet HTML 93Page - ITT Industries DEM9PH Datasheet HTML 94Page - ITT Industries DEM9PH Datasheet HTML 95Page - ITT Industries DEM9PH Datasheet HTML 96Page - ITT Industries DEM9PH Datasheet HTML 97Page - ITT Industries DEM9PH Datasheet HTML 98Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
93
D Subminiature
Combo D
PCB (Size 8) Loose Contacts — High Power — Straight
Pin
Socket
PCB (Size 8) Loose Contacts — High Power —90
°
Pin
Shell Size
Part Number
A
± 0,25 (.010)
B
±0,25 (.010)
X C
±0,13 (.005)
DE, DA, DB, DC
DM53745-104
10,62 (.418)
26,64 (1.049)
3,18 (.125)
DD
DM53745-107
13,41 (.528)
26,64 (1.049)
3,18 (.125)
European Footprint DE, DA, DB, DC, DD
DM53745-120
18,06 (.711)
11,00 (.433)
2,90 (.114)
18,23
± 0,25
(.718
± .010)
3,18
± 0,13
(.125
± .005)
18,19
± 0,25
(.716
± .010)
3,18
± 0,13
(.125
± .005)
Ø C
A
B
Ø C
B
A
Socket
Shell Size
Part Number
A
± 0,25 (.010)
B
±0,25 (.010)
X C
±0,13 (.005)
DE, DA, DB, DC
DM53744-92
13,41 (.528)
26,52 (1.044)
3,18 (.125)
DD
DM53744-95
10,62 (.418)
26,52 (1.044)
3,18 (.125)
European Footprint DE, DA, DB, DC, DD
DM53744-107
11,00 (.433)
17,93 (.706)
2,90 (.114)
Description
Part Number
Pin
DM53745-110
Description
Part Number
Socket
DM53744-98


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn