Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM9PH Datasheet(PDF) 77 Page - ITT Industries

Part # DEM9PH
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PH Datasheet(HTML) 77 Page - ITT Industries

Back Button DEM9PH Datasheet HTML 73Page - ITT Industries DEM9PH Datasheet HTML 74Page - ITT Industries DEM9PH Datasheet HTML 75Page - ITT Industries DEM9PH Datasheet HTML 76Page - ITT Industries DEM9PH Datasheet HTML 77Page - ITT Industries DEM9PH Datasheet HTML 78Page - ITT Industries DEM9PH Datasheet HTML 79Page - ITT Industries DEM9PH Datasheet HTML 80Page - ITT Industries DEM9PH Datasheet HTML 81Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
76
D Subminiature
Combo D
Straight PC Tails — European (Sizes DE-DD)
Part Numbers
Shell Size
Layout
Part Number
X
4,60 (.181)
Part Number
X
6,05 (.238)
DE
5W1
DEM-5W1P-OL2-K87
DEM-5W1P-OL4-K87
DA
7W2
DAM-7W2P-OL2-K87
DAM-7W2P-OL4-K87
DA
11W1
DAM-11W1P-OL2-K87
DAM-11W1P-OL4-K87
DA
3W3
DAM-3W3P-OL2-K87
DAM-3W3P-OL4-K87
DA
3WK3
DAM-3WK3P-OL2-K87
DAM-3WK3P-OL4-K87
DB
5W5
DBM-5W5P-OL2-K87
DBM-5W5P-OL4-K87
DB
9W4
DBM-9W4P-OL2-K87
DBM-9W4P-OL4-K87
DB
13W3
DBM-13W3P-OL2-K87
DBM-13W3P-OL4-K87
DB
17W2
DBM-17W2P-OL2-K87
DBM-17W2P-OL4-K87
DB
21W1
DBM-21W1P-OL2-K87
DBM-21W1P-OL4-K87
DC
8W8
DCM-8W8P-OL2-K87
DCM-8W8P-OL4-K87
DC
13W6
DCM-13W6P-OL2-K87
DCM-13W6P-OL4-K87
DC
17W5
DCM-17W5P-OL2-K87
DCM-17W5P-OL4-K87
DC
21WA4
DCM-21WA4P-OL2-K87
DCM-21WA4P-OL4-K87
DC
25W3
DCM-25W3P-OL2-K87
DCM-25W3P-OL4-K87
DC
27W2
DCM-27W2P-OL2-K87
DCM-27W2P-OL4-K87
DD
24W7
DDM-24W7P-OL2-K87
DDM-24W7P-OL4-K87
DD
36W4
DDM-36W4P-OL2-K87
DDM-36W4P-OL4-K87
DD
43W2
DDM-43W2P-OL2-K87
DDM-43W2P-OL4-K87
DD
47W1
DDM-47W1P-OL2-K87
DDM-47W1P-OL4-K87
Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1P-OL2-A191-K87
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
K
±0,317 (.0125)
K
±0,25 (.010)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
1,52 (.060)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
6,84 (.269)
1,52 (.060)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
6,84 (.269)
1,52 (.060)
0,99 (.039)
Plug
Engaging Face
DD Configuration
10
°
A
C
E
D
B
Ø 3,05
(.120)
Ø 0,60
(.024)
X
L
K
5,69
(.224)
2,84
(.112)
2,84
(.112)
W
F
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 266-268.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.


Similar Part No. - DEM9PH

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEM9PH

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com