Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DEM9PH Datasheet(PDF) 41 Page - ITT Industries

Part No. DEM9PH
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ITT [ITT Industries]
Homepage  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PH Datasheet(HTML) 41 Page - ITT Industries

Back Button DEM9PH Datasheet HTML 37Page - ITT Industries DEM9PH Datasheet HTML 38Page - ITT Industries DEM9PH Datasheet HTML 39Page - ITT Industries DEM9PH Datasheet HTML 40Page - ITT Industries DEM9PH Datasheet HTML 41Page - ITT Industries DEM9PH Datasheet HTML 42Page - ITT Industries DEM9PH Datasheet HTML 43Page - ITT Industries DEM9PH Datasheet HTML 44Page - ITT Industries DEM9PH Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
40
D Subminiature
D*W
Shield Can Kit
Ferrule
D*W
X Cable
Ferrule
X A
Ferrule
Part Number
Crimp Tool
Part Number
Crimp Tool
Position
DEW9G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
DBW25G
4,8-5,5
6,25 (.246)
304-8810-000
D115433-1
B
5,5-6,2
6,25 (.246)
304-8810-000
D115433-1
A
6,2-7,2
8,20 (.323)
304-8811-000
D115433-2
B
7,2-8,2
8,20 (.323)
304-8811-000
D115433-2
A
8,2-9,5
11,50 (.452)
304-8812-000
D115433-3
B
9,5-11,1
11,50 (.452)
304-8813-000
D115433-3
A
Ferrule
Wire Trim Dimensions
Crimp Tool Positions
FERRULE
CABLE
60
°
38,80(1.528)
32,60(1.283)
16,70
(.657)
39,80
(1.567)
FERRULE, MUST
BE PURCHASED
SEPARATELY.
Materials and Finishes
Shield Can and Ferrule
Material:
Steel
Finish:
Tin
11,25(.443)
Ø A
Ø 11,10(.437)
10,00(.394)
50,00 (1.969)
FERRULE
CABLE
35,00
(1.378)
WIRES
BRAID
Ø10,00
(.394)
10,10
(.398)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn