Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM9PB Datasheet(PDF) 94 Page - ITT Industries

Part # DEM9PB
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PB Datasheet(HTML) 94 Page - ITT Industries

Back Button DEM9PB Datasheet HTML 90Page - ITT Industries DEM9PB Datasheet HTML 91Page - ITT Industries DEM9PB Datasheet HTML 92Page - ITT Industries DEM9PB Datasheet HTML 93Page - ITT Industries DEM9PB Datasheet HTML 94Page - ITT Industries DEM9PB Datasheet HTML 95Page - ITT Industries DEM9PB Datasheet HTML 96Page - ITT Industries DEM9PB Datasheet HTML 97Page - ITT Industries DEM9PB Datasheet HTML 98Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
93
D Subminiature
Combo D
PCB (Size 8) Loose Contacts — High Power — Straight
Pin
Socket
PCB (Size 8) Loose Contacts — High Power —90
°
Pin
Shell Size
Part Number
A
± 0,25 (.010)
B
±0,25 (.010)
X C
±0,13 (.005)
DE, DA, DB, DC
DM53745-104
10,62 (.418)
26,64 (1.049)
3,18 (.125)
DD
DM53745-107
13,41 (.528)
26,64 (1.049)
3,18 (.125)
European Footprint DE, DA, DB, DC, DD
DM53745-120
18,06 (.711)
11,00 (.433)
2,90 (.114)
18,23
± 0,25
(.718
± .010)
3,18
± 0,13
(.125
± .005)
18,19
± 0,25
(.716
± .010)
3,18
± 0,13
(.125
± .005)
Ø C
A
B
Ø C
B
A
Socket
Shell Size
Part Number
A
± 0,25 (.010)
B
±0,25 (.010)
X C
±0,13 (.005)
DE, DA, DB, DC
DM53744-92
13,41 (.528)
26,52 (1.044)
3,18 (.125)
DD
DM53744-95
10,62 (.418)
26,52 (1.044)
3,18 (.125)
European Footprint DE, DA, DB, DC, DD
DM53744-107
11,00 (.433)
17,93 (.706)
2,90 (.114)
Description
Part Number
Pin
DM53745-110
Description
Part Number
Socket
DM53744-98


Similar Part No. - DEM9PB

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEM9PB

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com