Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS86540 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMS86540
Description  N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86540 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMS86540 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86540 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.fairchildsemi.com
5
©2011 Fairchild Semiconductor Corporation
FDMS86540 Rev. C
Figure 13. Junction-to-Ambient Transient Thermal Response Curve
10
-3
10
-2
10
-1
110
100
1000
0.001
0.01
0.1
1
2
SINGLE PULSE
RθJA = 125
o
C/W
DUTY CYCLE-DESCENDING ORDER
t, RECTANGULAR PULSE DURATION (sec)
D = 0.5
0.2
0.1
0.05
0.02
0.01
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
Typical Characteristics T
J = 25 °C unless otherwise noted


Similar Part No. - FDMS86540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86500DC FAIRCHILD-FDMS86500DC Datasheet
280Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 60 V, 108 A, 2.3 m廓
FDMS86500DC FAIRCHILD-FDMS86500DC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
More results

Similar Description - FDMS86540

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMQ86530L FAIRCHILD-FDMQ86530L Datasheet
261Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 8 A, 17.5 m廓
FDMS86520 FAIRCHILD-FDMS86520 Datasheet
258Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 42 A, 7.4 m廓
logo
ON Semiconductor
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
logo
Fairchild Semiconductor
FDS86540 FAIRCHILD-FDS86540 Datasheet
262Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 18 A, 4.5 m廓
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
logo
ON Semiconductor
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS86520L FAIRCHILD-FDMS86520L Datasheet
269Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
FDMS86101 FAIRCHILD-FDMS86101_12 Datasheet
294Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 8 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com