Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ILX531A Datasheet(PDF) 1 Page - Sony Corporation

Part # ILX531A
Description  5150-pixel CCD Linear Sensor (B/W)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ILX531A Datasheet(HTML) 1 Page - Sony Corporation

  ILX531A Datasheet HTML 1Page - Sony Corporation ILX531A Datasheet HTML 2Page - Sony Corporation ILX531A Datasheet HTML 3Page - Sony Corporation ILX531A Datasheet HTML 4Page - Sony Corporation ILX531A Datasheet HTML 5Page - Sony Corporation ILX531A Datasheet HTML 6Page - Sony Corporation ILX531A Datasheet HTML 7Page - Sony Corporation ILX531A Datasheet HTML 8Page - Sony Corporation ILX531A Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5150-pixel CCD Linear Sensor (B/W)
Description
The ILX531A is a reduction type CCD linear sensor
developed for high resolution copiers. This sensor
reads A3-size documents at a density of 400 DPI,
and A4-size documents at a density of 600 DPI at
high speed.
Features
• Number of effective pixels: 5150 pixels
• Pixel size:
7µm
× 7µm (7µm pitch)
• Clamp circuit are on-chip
• Signal output phase of two-output
simultaneous-output
(alternate-output is available)
• Ultra high sensitivity/Ultra low lag
• Maximum data rate:
40MHz
• Single 12V power supply
• Input clock pulse:
CMOS 5V drive
• Package:
22 pin Plastic DIP (400mil)
Absolute Maximum Ratings
• Supply voltage
VDD
15
V
• Operating temperature
–10 to +60
°C
• Storage temperature
–30 to +80
°C
Pin Configuration (Top View)
Block Diagram
– 1 –
E97X25B97-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ILX531A
22 pin DIP (Plastic)
5150
1
2
3
4
5
6
7
8
9
10
11
1
φCLP-ODD
GND
VOUT-ODD
VGG
GND
VDD
φRS-ODD
φLH-ODD
φ2-ODD
φ1-ODD
φROG
12
13
14
15
16
17
18
19
20
21
22
VDD
VOUT-EVEN
VDD
NC
GND
VDD
φCLP-EVEN
φRS-EVEN
φLH-EVEN
φ2-EVEN
φ1-EVEN


Similar Part No. - ILX531A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
ILX533 SONY-ILX533 Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533K SONY-ILX533K Datasheet
129Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX533KB SONY-ILX533KB Datasheet
125Kb / 11P
   2700 pixel X 3 line CCD Linear Sensor (Color)
ILX535 SONY-ILX535 Datasheet
132Kb / 11P
   5300 pixel X 3 line CCD Linear Sensor (Color)
More results

Similar Description - ILX531A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ILX553A SONY-ILX553A Datasheet
109Kb / 12P
   5150-pixel CCD Linear Sensor (B/W)
ILX553B SONY-ILX553B Datasheet
107Kb / 12P
   5150-pixel CCD Linear Sensor B W
ILX510 SONY-ILX510 Datasheet
303Kb / 15P
   5150-pixel CCD Linear Sensor (B/W)
ILX523A SONY-ILX523A Datasheet
207Kb / 13P
   2700 pixel CCD Linear Sensor (B/W)
ILX532A SONY-ILX532A Datasheet
218Kb / 13P
   7500-pixel CCD Linear Sensor (B/W)
ILX751A SONY-ILX751A Datasheet
165Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551A SONY-ILX551A Datasheet
130Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX751B SONY-ILX751B Datasheet
113Kb / 15P
   2048-pixel CCD Linear Sensor (B/W)
ILX551B SONY-ILX551B Datasheet
92Kb / 10P
   2048-pixel CCD Linear Sensor (B/W)
ILX508A SONY-ILX508A Datasheet
154Kb / 14P
   7926-pixel CCD Linear Image Sensor (B/W)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com