Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS3686S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS3686S
Description  PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3686S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS3686S Datasheet HTML 1Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 2Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 3Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 4Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 5Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 6Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 7Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 8Page - Fairchild Semiconductor FDMS3686S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2012 Fairchild Semiconductor Corporation
FDMS3686S Rev.C1
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Symbol
Parameter
Test Conditions
Type
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
ID = 1 mA, VGS = 0 V
Q1
Q2
30
30
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
ID = 10 mA, referenced to 25 °C
Q1
Q2
15
19
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
Q1
Q2
1
500
μA
μA
IGSS
Gate to Source Leakage Current,
Forwad
VGS = 20 V, VDS= 0 V
Q1
Q2
100
100
nA
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
VGS = VDS, ID = 1 mA
Q1
Q2
1.1
1.1
2
1.5
2.7
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
ID = 10 mA, referenced to 25 °C
Q1
Q2
-6
-4
mV/°C
rDS(on)
Drain to Source On Resistance
VGS = 10 V, ID = 13 A
VGS = 4.5 V, ID = 11 A
VGS = 10 V, ID = 13 A , TJ = 125 °C
Q1
5.8
8.5
7.8
8
11
10.8
m
Ω
VGS = 10 V, ID = 23 A
VGS = 4.5 V, ID = 21 A
VGS = 10 V, ID = 23 A , TJ = 125 °C
Q2
2.2
3.0
3.1
2.8
3.8
4.0
gFS
Forward Transconductance
VDS = 5 V, ID = 13 A
VDS = 5 V, ID = 23 A
Q1
Q2
61
124
S
Ciss
Input Capacitance
Q1:
VDS = 15 V, VGS = 0 V, f = 1 MHZ
Q2:
VDS = 15 V, VGS = 0 V, f = 1 MHZ
Q1
Q2
1340
1820
1785
2420
pF
Coss
Output Capacitance
Q1
Q2
485
725
645
965
pF
Crss
Reverse Transfer Capacitance
Q1
Q2
53
86
80
130
pF
Rg
Gate Resistance
Q1
Q2
0.2
0.2
0.6
0.9
2
3
Ω
td(on)
Turn-On Delay Time
Q1:
VDD = 15 V, ID = 13 A, RGEN = 6 Ω
Q2:
VDD = 15 V, ID = 23 A, RGEN = 6 Ω
Q1
Q2
8.2
9
16
18
ns
tr
Rise Time
Q1
Q2
2.5
4
10
10
ns
td(off)
Turn-Off Delay Time
Q1
Q2
20
23
32
36
ns
tf
Fall Time
Q1
Q2
2.2
3
10
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V Q1
VDD = 15 V,
ID = 13 A
Q2
VDD = 15 V,
ID = 23 A
Q1
Q2
21
27
29
37
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
Q1
Q2
10
13
14
18
nC
Qgs
Gate to Source Gate Charge
Q1
Q2
3.9
4.6
nC
Qgd
Gate to Drain “Miller” Charge
Q1
Q2
3.1
3.7
nC


Similar Part No. - FDMS3686S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
FDMS3602S FAIRCHILD-FDMS3602S Datasheet
582Kb / 15P
   25 V Asymmetric Dual N-Channel MOSFET Features
logo
ON Semiconductor
FDMS3602S ONSEMI-FDMS3602S Datasheet
1Mb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
   PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS3604S ONSEMI-FDMS3604S Datasheet
843Kb / 16P
   MOSFET – N-Channel, POWERTRENCH, Power Stage, Asymetric Dual
January, 2020 - Rev. 3
More results

Similar Description - FDMS3686S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3664S FAIRCHILD-FDMS3664S Datasheet
584Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3668S FAIRCHILD-FDMS3668S Datasheet
572Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3660S FAIRCHILD-FDMS3660S Datasheet
580Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3600S FAIRCHILD-FDMS3600S Datasheet
593Kb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
FDMS3604AS FAIRCHILD-FDMS3604AS Datasheet
589Kb / 15P
   PowerTrench짰 Power Stage 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDMS3602S ONSEMI-FDMS3602S Datasheet
1Mb / 15P
   PowerTrench짰 Power Stage 25 V Asymmetric Dual N-Channel MOSFET
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS3620S FAIRCHILD-FDMS3620S Datasheet
374Kb / 12P
   PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
   PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com