Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN3948B Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # EN3948B
Description  Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

EN3948B Datasheet(HTML) 1 Page - Sanyo Semicon Device

  EN3948B Datasheet HTML 1Page - Sanyo Semicon Device EN3948B Datasheet HTML 2Page - Sanyo Semicon Device EN3948B Datasheet HTML 3Page - Sanyo Semicon Device EN3948B Datasheet HTML 4Page - Sanyo Semicon Device EN3948B Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Low-voltage/Low-saturation Bidirectional
Constant-Voltage Regulated Motor Driver
Overview
The LB1837M is a low-voltage, low-saturation, two-channel
motor driver with a bidirectional braking function that provides
constant-voltage regulated output for bidirectional operation.
The design of the LB1837M is ideal for video equipment,
cameras, and other portable equipment.
Features
.
Wide operating voltage range (3.0 to 9.0 V).
.
Low saturation voltage
VO (sat) = 0.40 V at IO = 200 mA.
.
Consumes almost no current in standby mode
(0.1 µA or less).
.
Permits setting of bidirectional constant-voltage regulated
value.
.
Built-in reference voltage coupled to input.
.
Brake function built in.
.
Compact MFP14S package.
Package Dimensions
unit: mm
3111-MFP14S
[LB1837M]
SANYO : MFP14S
Specifications
Absolute Maximum Ratings at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
10.5
V
Output current
Im max
250
mA
Applied input voltage
VIN
–0.3 to +10
V
Allowable power dissipation
Pd max
With board ( 30 x 30 x 1.5 mm
3 )
800
mW
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–40 to +125
°C
Allowable Operating Ranges at Ta=25 °C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
3.0 to 9.0
V
Input [H] voltage
VIH
3.0 to 9.0
V
Input [L] voltage
VIL
–0.3 to +0.7
V
Control voltage
VC
0.2 to 6.0
V
Ordering number: EN3948B
Monolithic Digital IC
LB1837M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
61295HA(II) No.3948-1/5


Similar Part No. - EN3948B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EN3948B SANYO-EN3948B Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
More results

Similar Description - EN3948B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1837M SANYO-LB1837M Datasheet
86Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1837M SANYO-LB1837M_10 Datasheet
82Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1839M SANYO-LB1839M Datasheet
89Kb / 5P
   Low-voltage/Low-saturation Bidirectional Constant-Voltage Regulated Motor Driver
LB1840M SANYO-LB1840M Datasheet
73Kb / 5P
   Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1838M SANYO-LB1838M_09 Datasheet
92Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1930MC-AH ONSEMI-LB1930MC-AH Datasheet
74Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1930M SANYO-LB1930M_11 Datasheet
110Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1638 SANYO-LB1638_08 Datasheet
85Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
logo
ON Semiconductor
LB1838M-TRM-E ONSEMI-LB1838M-TRM-E Datasheet
69Kb / 5P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
LB1830M SANYO-LB1830M_11 Datasheet
89Kb / 4P
   Low-Voltage, Low-Saturation Bidirectional Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com