Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS3620S Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDMS3620S
Description  PowerTrench짰 PowerStage 25V Asymmetric Dual N-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3620S Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDMS3620S Datasheet HTML 4Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 5Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 6Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 7Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 8Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 9Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 10Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 11Page - Fairchild Semiconductor FDMS3620S Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FDMS3620S Rev.C1
Typical Characteristics (Q2 N-Channel) T
J = 25°C unless otherwise noted
Figure 20. Gate Charge Characteristics
Figure 21. Capacitance vs Drain
to Source Voltage
Figure 22. Unclamped Inductive
Switching Capability
Figure 23. Maximum Continuous Drain
Current vs Case Temperature
Figure 24. Forward Bias Safe
Operating Area
Figure 25. Single Pulse Maximum Power
Dissipation
0
20
406080
100
120
0
2
4
6
8
10
ID = 38 A
VDD = 15 V
VDD = 13 V
Qg, GATE CHARGE (nC)
VDD = 10 V
0.1
1
10
30
10
100
1000
10000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
0.001
0.01
0.1
1
10
100
1000
1
10
100
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
25
50
75
100
125
150
0
30
60
90
120
150
180
210
VGS = 4.5 V
RθJC = 1.7
o
C/W
VGS = 10 V
T
C
, CASE TEMPERATURE (
o
C
)
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
100 us
1 ms
1 s
10 ms
DC
10 s
100 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 120
oC/W
TA = 25
oC
10
-4
10
-3
10
-2
10
-1
110
100
1000
0.1
1
10
100
1000
10000
SINGLE PULSE
RθJA = 120
oC/W
TA = 25
oC
t, PULSE WIDTH (s)


Similar Part No. - FDMS3620S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
More results

Similar Description - FDMS3620S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3624S FAIRCHILD-FDMS3624S Datasheet
395Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
FDMS3622S FAIRCHILD-FDMS3622S Datasheet
403Kb / 12P
   PowerTrench짰 Power Stage 25V Asymmetric Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
logo
Fairchild Semiconductor
FDMS3615S FAIRCHILD-FDMS3615S Datasheet
525Kb / 16P
   25V Asymmetric Dual N-Channel MOSFET
FDMS3664S FAIRCHILD-FDMS3664S Datasheet
584Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3668S FAIRCHILD-FDMS3668S Datasheet
572Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3660S FAIRCHILD-FDMS3660S Datasheet
580Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3686S FAIRCHILD-FDMS3686S Datasheet
592Kb / 15P
   PowerTrench짰 Power Stage Asymmetric Dual N-Channel MOSFET
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com