Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMS3006SDC Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS3006SDC
Description  N-Channel Dual CoolTM Power Trench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS3006SDC Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS3006SDC Datasheet HTML 1Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 2Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 3Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 4Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 5Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 6Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 7Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 8Page - Fairchild Semiconductor FDMS3006SDC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2011 Fairchild Semiconductor Corporation
FDMS3006SDC Rev.C
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 1 mA, VGS = 0 V
30
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, referenced to 25 °C
16
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
500
μA
IGSS
Gate to Source Leakage Current, Forward
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 1 mA
1.2
1.7
3.0
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 10 mA, referenced to 25 °C
-5
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 30 A
1.3
1.9
m
Ω
VGS = 4.5 V, ID = 26 A
1.9
2.7
VGS = 10 V, ID = 30 A, TJ = 125 °C
1.8
2.7
gFS
Forward Transconductance
VDS = 5 V, ID = 30 A
167
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V,
f = 1 MHz
4305
5725
pF
Coss
Output Capacitance
1630
2170
pF
Crss
Reverse Transfer Capacitance
102
155
pF
Rg
Gate Resistance
0.8
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 30 A,
VGS = 10 V, RGEN = 6 Ω
16
29
ns
tr
Rise Time
5.9
12
ns
td(off)
Turn-Off Delay Time
39
62
ns
tf
Fall Time
3.5
10
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V,
ID = 30 A
57
80
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
26
36
nC
Qgs
Gate to Source Gate Charge
12
nC
Qgd
Gate to Drain “Miller” Charge
5.3
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.4
0.8
V
VGS = 0 V, IS = 30 A
(Note 2)
0.8
1.2
trr
Reverse Recovery Time
IF = 30 A, di/dt = 300 A/μs
38
61
ns
Qrr
Reverse Recovery Charge
58
93
nC


Similar Part No. - FDMS3006SDC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3006SDC FAIRCHILD-FDMS3006SDC Datasheet
1Mb / 2P
   DUAL COOL??PACKAGE POWERTRENCH짰 MOSFETs
More results

Similar Description - FDMS3006SDC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS7658AS FAIRCHILD-FDMS7658AS Datasheet
476Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 1.9 m廓
FDMS3008SDC FAIRCHILD-FDMS3008SDC Datasheet
348Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 30 V, 49 A, 2.6 m廓
FDMS8023S FAIRCHILD-FDMS8023S Datasheet
265Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 30 V, 49 A, 2.4 m廓
FDMC7572S FAIRCHILD-FDMC7572S Datasheet
323Kb / 8P
   N-Channel Power Trench짰 SyncFETTM 25 V, 40 A, 3.15 m廓
FDMS86101DC FAIRCHILD-FDMS86101DC Datasheet
291Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 100 V, 60 A, 7.5 m廓
FDMS86500DC FAIRCHILD-FDMS86500DC Datasheet
280Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 60 V, 108 A, 2.3 m廓
FDMC2512SDC FAIRCHILD-FDMC2512SDC Datasheet
298Kb / 9P
   N-Channel Dual CoolTM PowerTrench짰 SyncFETTM 25 V, 40 A, 2.0 m廓
FDMS86300DC FAIRCHILD-FDMS86300DC Datasheet
285Kb / 8P
   N-Channel Dual CoolTM Power Trench짰 MOSFET 80 V, 60 A, 3.1 m廓
FDMS7560S FAIRCHILD-FDMS7560S Datasheet
469Kb / 8P
   N-Channel PowerTrench짰 SyncFETTM 25 V, 49 A, 1.45 m廓
FDMS86200 FAIRCHILD-FDMS86200 Datasheet
319Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 49 A, 18 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com