Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6824B Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FDMF6824B
Description  Extra-Small, High-Performance, High-Frequency DrMOS Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6824B Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FDMF6824B Datasheet HTML 4Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 5Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 6Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 7Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 8Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 9Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 10Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 11Page - Fairchild Semiconductor FDMF6824B Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© 2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6824B • Rev. 1.0.0
8
Typical Performance Characteristics
Test Conditions: VIN=12 V, VOUT=1 V, VCIN=5 V, VDRV=5V , LOUT=250 nH, TA=25°C, and natural convection cooling,
unless otherwise specified.
Figure 6.
Safe Operating Area
Figure 7.
Power Loss vs. Output Current
Figure 8.
Power Loss vs. Switching Frequency
Figure 9.
Power Loss vs. Input Voltage
Figure 10.
Power Loss vs. Driver Supply Voltage
Figure 11.
Power Loss vs. Output Voltage
0
5
10
15
20
25
30
35
40
45
50
55
0
25
50
75
100
125
150
PCB Temperature, TPCB (°C)
FSW = 300kHz
FSW = 1000kHz
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V
0
1
2
3
4
5
6
7
8
9
10
11
0
5
10
15
20
25
30
35
40
45
50
55
Module Output Current, IOUT (A)
300kHz
500kHz
800kHz
1000kHz
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
200
300
400
500
600
700
800
900 1000 1100
Module Switching Frequency, FSW (kHz)
VIN = 12V, VDRV & VCIN = 5V, VOUT = 1V, IOUT = 30A
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
4
6
8
1012
1416
18
Module Input Voltage, VIN (V)
VDRV & VCIN = 5V, VOUT = 1V, FSW = 300kHz, IOUT = 30A
0.90
0.95
1.00
1.05
1.10
1.15
4.0
4.5
5.0
5.5
6.0
Driver Supply Voltage, VDRV & VCIN (V)
VIN = 12V, VOUT = 1V, FSW = 300kHz, IOUT = 30A
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Module Output Voltage, VOUT (V)
VIN = 12V, VDRV & VCIN = 5V, FSW = 300kHz, IOUT = 30A


Similar Part No. - FDMF6824B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
More results

Similar Description - FDMF6824B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
logo
Fairchild Semiconductor
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6707B FAIRCHILD-FDMF6707B Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com