Electronic Components Datasheet Search |
|
FB37D6K0335JL Datasheet(PDF) 2 Page - AVX Corporation |
|
FB37D6K0335JL Datasheet(HTML) 2 Page - AVX Corporation |
2 / 4 page 2 2 Medium Power Film Capacitors FB (RoHS Compliant) DIMENSIONS: millimeters (inches) Case Size W H T P d A 32.0 (1.260) 20.0 (0.787) 11.0 (0.433) 27.5 (1.083) 0.80 (0.031) B 32.0 (1.260) 22.0 (0.866) 13.0 (0.512) 27.5 (1.083) 1.00 (0.039) C 32.0 (1.260) 24.5 (0.965) 15.0 (0.591) 27.5 (1.083) 1.00 (0.039) D 32.0 (1.260) 25.0 (0.984) 16.0 (0.630) 27.5 (1.083) 1.20 (0.047) E 32.0 (1.260) 28.0 (1.102) 14.0 (0.551) 27.5 (1.083) 1.20 (0.047) F 32.0 (1.260) 33.0 (1.299) 18.0 (0.709) 27.5 (1.083) 1.20 (0.047) G 32.0 (1.260) 37.0 (1.457) 22.0 (0.866) 27.5 (1.083) 1.20 (0.047) H 42.5 (1.673) 33.5 (1.319) 22.0 (0.866) 37.5 (1.476) 1.20 (0.047) J 42.5 (1.673) 37.0 (1.457) 28.0 (1.102) 37.5 (1.476) 1.20 (0.047) K 42.5 (1.673) 40.0 (1.575) 20.0 (0.787) 37.5 (1.476) 1.20 (0.047) L 42.5 (1.673) 44.0 (1.732) 24.0 (0.945) 37.5 (1.476) 1.20 (0.047) M 42.5 (1.673) 45.0 (1.771) 30.0 (1.181) 37.5 (1.476) 1.20 (0.047) N 57.5 (2.264) 45.0 (1.771) 30.0 (1.181) 52.5 (2.067) 1.20 (0.047) P 57.5 (2.264) 50.0 (1.969) 35.0 (1.378) 52.5 (2.067) 1.20 (0.047) HOW TO ORDER FB Series FB 27 Pitch 27 = 27.5 (1.083) 37 = 37.5 (1.476) 52 = 52.5 (2.067) A Case 6 Dielectric 6 = Polypropylene K Voltage J = 550V A = 700V B = 800V C = 900V K = 1000V L = 1100V P = 1200V K Tolerance J = ±5% K = ±10% M = ±20% C Lead Length C = 5.00 (0.197) L = 15 (0.591) 0335 Cap μF Code Climatic category 40/100/56 (IEC 60068) Test voltage between terminals @ 25°C 1.5 x Vndc Capacitance range Cn 0.68μF to 75μF Tolerance on Cn ±5%, ±10%, ±20% Rated DC voltage Vndc 550 to 1200 V Dielectric Polypropylene Insulation Resistance: >3,000 MΩ.uF/C after 1 minute electrification @ 100 Vdc & 25ºC Lifetime ( C/C ≤ 5%): 100,000hrs @ Ur & 70ºC ELECTRICAL CHARACTERISTICS – POLYPROPYLENE DIELECTRIC POLYPROPYLENE DIELECTRIC FOR INDUSTRIAL DC FILTERING These capacitors have been designed primarily for high and medium power DC filtering applications. W T P ± 1.0 (0.039) H d 5 (0.197) ± 1.0 (0.039) T 15 (0.591) min millimeters (inches) A B C D E F G H J K L M N P |
Similar Part No. - FB37D6K0335JL |
|
Similar Description - FB37D6K0335JL |