Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMF6706B Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDMF6706B
Description  Extra-Small, High-Performance, High- Frequency DrMOS Module
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMF6706B Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDMF6706B Datasheet HTML 3Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 4Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 5Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 6Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 7Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 8Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 9Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 10Page - Fairchild Semiconductor FDMF6706B Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6706B • Rev. 1.0.1
7
Electrical Characteristics
Typical values are VIN = 12V, VCIN = 5V, VDRV = 5V, and TA = +25°C unless otherwise noted.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
Thermal Warning Flag
TACT
Activation Temperature
150
°C
TRST
Reset Temperature
135
°C
RTHWN
Pull-Down Resistance
IPLD=5mA
30
250ns Timeout Circuit
tD_TIMEOUT Timeout Delay
SW=0V, Delay Between GH from HIGH to
LOW and GL from LOW to HIGH
250
ns
High-Side Driver
RSOURCE_GH Output Impedance, Sourcing Source Current=100mA
1
RSINK_GH
Output Impedance, Sinking
Sink Current=100mA
0.8
tR_GH
Rise Time
GH=10% to 90%, CLOAD=1.1nF
6
ns
tF_GH
Fall Time
GH=90% to 10%, CLOAD=1.1nF
5
ns
tD_DEADON
LS to HS Deadband Time
GL going LOW to GH going HIGH,
1V GL to 10 % GH
10
ns
tPD_PLGHL
PWM LOW Propagation
Delay
PWM going LOW to GH going LOW,
VIL_PWM to 90% GH
16
30
ns
tPD_PHGHH
PWM HIGH Propagation
Delay (SMOD# Held LOW)
PWM going HIGH to GH going HIGH,
VIH_PWM to 10% GH (SMOD#=LOW)
30
ns
tPD_TSGHH
Exiting 3-State Propagation
Delay
PWM (From 3-State) going HIGH to GH
going HIGH, VIH_PWM to 10% GH
30
ns
Low-Side Driver
RSOURCE_GL Output Impedance, Sourcing Source Current=100mA
1
RSINK_GL
Output Impedance, Sinking
Sink Current=100mA
0.5
tR_GL
Rise Time
GL=10% to 90%, CLOAD=4.5nF
14
ns
tF_GL
Fall Time
GL=90% to 10%, CLOAD=4.5nF
10
ns
tD_DEADOFF HS to LS Deadband Time
SW going LOW to GL going HIGH,
2.2V SW to 10% GL
12
ns
tPD_PHGLL
PWM-HIGH Propagation
Delay
PWM going HIGH to GL going LOW,
VIH_PWM to 90% GL
9
25
ns
tPD_TSGLH
Exiting 3-State Propagation
Delay
PWM (From 3-State) going LOW to GL
going HIGH, VIL_PWM to 10% GL
20
ns
Boot Diode
VF
Forward-Voltage Drop
IF=10mA
0.35
V
VR
Breakdown Voltage
IR=1mA
22
V


Similar Part No. - FDMF6706B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
logo
ON Semiconductor
FDMF6706C ONSEMI-FDMF6706C Datasheet
982Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0 3
More results

Similar Description - FDMF6706B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMF6821B FAIRCHILD-FDMF6821B Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
logo
ON Semiconductor
FDMF6820A ONSEMI-FDMF6820A Datasheet
923Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
April 2013 Rev. 1.0.3
FDMF3030 ONSEMI-FDMF3030 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency, DrMOS Module
September 2012 Rev. 1.0.0
FDMF6824B ONSEMI-FDMF6824B Datasheet
706Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
November-2017, Rev. 2
FDMF6824C ONSEMI-FDMF6824C Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.1
FDMF6823C ONSEMI-FDMF6823C Datasheet
931Kb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.3
FDMF6705 ONSEMI-FDMF6705 Datasheet
1Mb / 21P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
Rev. 1.0.4
FDMF6705V ONSEMI-FDMF6705V Datasheet
962Kb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
March 2012 Rev. 1.0 2
logo
Fairchild Semiconductor
FDMF6821C FAIRCHILD-FDMF6821C Datasheet
1Mb / 19P
   Extra-Small, High-Performance, High-Frequency DrMOS Module
FDMF6706C FAIRCHILD-FDMF6706C Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
FDMF6707B FAIRCHILD-FDMF6707B Datasheet
1Mb / 18P
   Extra-Small, High-Performance, High- Frequency DrMOS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com