Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8259PE Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8259PE
Description  1.2A, 24V, 1.4MHz Step-Down Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8259PE Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8259PE Datasheet HTML 5Page - Richtek Technology Corporation RT8259PE Datasheet HTML 6Page - Richtek Technology Corporation RT8259PE Datasheet HTML 7Page - Richtek Technology Corporation RT8259PE Datasheet HTML 8Page - Richtek Technology Corporation RT8259PE Datasheet HTML 9Page - Richtek Technology Corporation RT8259PE Datasheet HTML 10Page - Richtek Technology Corporation RT8259PE Datasheet HTML 11Page - Richtek Technology Corporation RT8259PE Datasheet HTML 12Page - Richtek Technology Corporation RT8259PE Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
RT8259
10
DS8259-03 March 2011
www.richtek.com
Layout Consideration
Follow the PCB layout guidelines for optimal performance
of RT8259.
Keep the traces of the main current paths as short and
wide as possible.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
LX node is with high frequency voltage swing and should
be kept at small area. Keep sensitive components away
from the LX node to prevent stray capacitive noise pick-
up.
Place the feedback components to the FB pin as close
as possible.
Connect GND to a ground plane for noise reduction and
thermal dissipation.
Figure 4. PCB Layout Guide
Thermal Considerations
For continuous operation, do not exceed the maximum
operation junction temperature 125
°C. The maximum power
dissipation depends on the thermal resistance of IC
package, PCB layout, the rate of surroundings airflow and
temperature difference between junction to ambient. The
maximum power dissipation can be calculated by following
formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum operation junction
temperature, TA is the ambient temperature and the
θJA is
the junction to ambient thermal resistance.
For recommended operating conditions specification of the
RT8259, the maximum junction temperature of the die is
125
°C. The junction to ambient thermal resistance θJA is
layout dependent. For T/SOT-23-6 package, the thermal
resistance
θJA is 120°C/W on standard JEDEC 51-7 four-
layers thermal test board. The maximum power dissipation
at TA = 25
°C can be calculated by following formula :
PD(MAX) = (125
°C − 25°C) / (250°C/W) = 0.4W for
T/SOT-23-6 packages
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal resistance
θJA . For RT8259 packages, the Figure 3 of derating curves
allows the designer to see the effect of rising ambient
temperature on the maximum power allowed.
Figure 3. Derating Curves for RT8259 Packages
BOOT
GND
FB
EN
VIN
PHASE
4
2
3
5
6
1
VOUT
VOUT
CB
L1
COUT
D1
CIN
R2
R1
GND
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
025
50
75
100
125
Ambient Temperature (°C)
T/SOT-23-6
Single Layer PCB


Similar Part No. - RT8259PE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8259A RICHTEK-RT8259A Datasheet
200Kb / 11P
   The RT8259A is a monolithic step-down switch mode
More results

Similar Description - RT8259PE

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UD24121 UTC-UD24121 Datasheet
228Kb / 5P
   1.2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
BaiDu Micro electrons C...
AE2359 BAIDUMICRO-AE2359 Datasheet
461Kb / 11P
   1.2A, 24V, 1.4MHz Step-down Converter
logo
Monolithic Power System...
MP29368 MPS-MP29368 Datasheet
363Kb / 8P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
MP2359 MPS-MP2359 Datasheet
377Kb / 9P
   1.2A, 24V, 1.4MHz Step-Down Converter in a TSOT23-6
logo
Unisonic Technologies
UD32121 UTC-UD32121 Datasheet
202Kb / 5P
   1.2A, 32V, 1.4MHz STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP28368 MPS-MP28368 Datasheet
336Kb / 8P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Richtek Technology Corp...
RT8260A RICHTEK-RT8260A Datasheet
197Kb / 12P
   1.8A, 24V, 1.4MHz Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA2359 ETA-ETA2359 Datasheet
196Kb / 1P
   1.4MHz, 1.2A, 24V High Efficiency Step-Down Converter in SOT23-6
logo
Monolithic Power System...
EV2359DJ-00B MPS-EV2359DJ-00B Datasheet
163Kb / 4P
   1.2A, 24V, 1.4MHz Step-Down Converter Evaluation Board in TSOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com