Electronic Components Datasheet Search |
|
C3225X5R0J476M Datasheet(PDF) 2 Page - Richtek Technology Corporation |
|
C3225X5R0J476M Datasheet(HTML) 2 Page - Richtek Technology Corporation |
2 / 14 page RT8287A 2 DS8287A-03 June 2012 www.richtek.com © Copyright 2012 Richtek Technology Corporation. All rights reserved. is a registered trademark of Richtek Technology Corporation. Function Pin Description Pin No. Pin Name Pin Function 1 VIN Supply Input. VIN supplies the power to the IC, as well as the step-down converter switches. Drive VIN with a 4.5V to 21V power source. Bypass VIN to GND with a suitably large capacitor to eliminate noise on the input to the IC. 2, 3, 4, 5 SW Switch Node. SW is the switching node that supplies power to the output. Connect the output LC filter from SW to the output load. Note that a capacitor is required from SW to BOOT to power the high side switch. 6 BOOT High Side Gate Drive Boost Input. BOOT supplies the drive for the high side N-MOSFET switch. Connect a 100nF or greater capacitor from SW to BOOT to power the high side switch. 7 EN Chip Enable (Active High). For automatic start-up, connect the EN pin to VIN with a 100k Ω resistor. 8 FB Feedback Input. FB senses the output voltage to regulate said voltage. Drive FB with a resistive voltage divider from the output voltage. The feedback threshold is 0.808V. 9 PGOOD Power Good Output. The output of this pin is open-drain. Power good threshold is 90% low to high and 70% high to low of regulation value. 10 SS Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND to set the soft-start period. Typical Application Circuit Table 1. Recommended Components Selection VOUT (V) R1 (k Ω) R2 (k Ω) RT (kΩ) L ( μH) COUT (μF) 5 75 14.46 0 4.7 22 x 2 3.3 75 24.32 0 3.6 22 x 2 2.5 75 35.82 0 3.6 22 x 2 1.8 5 4.07 30 2 22 x 2 1.5 5 5.84 39 2 22 x 2 1.2 5 10.31 47 2 22 x 2 1.05 5 16.69 47 1.5 22 x 2 VIN PGOOD VCC BOOT FB SW 9 8 1 2, 3, 4, 5 6 L 0.1µF R1 R2 VOUT 22µF VIN RT8287A 11 CBOOT COUT CIN SS 10 RT CSS 47nF GND 12, 13, 15 (Exposed Pad) EN AGND PGOOD R3 100k 0.1µF CC 7 ON/OFF 14 1.2V/4A |
Similar Part No. - C3225X5R0J476M |
|
Similar Description - C3225X5R0J476M |