Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7264A Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT7264A
Description  4A, 21V, 500kHz Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7264A Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT7264A Datasheet HTML 5Page - Richtek Technology Corporation RT7264A Datasheet HTML 6Page - Richtek Technology Corporation RT7264A Datasheet HTML 7Page - Richtek Technology Corporation RT7264A Datasheet HTML 8Page - Richtek Technology Corporation RT7264A Datasheet HTML 9Page - Richtek Technology Corporation RT7264A Datasheet HTML 10Page - Richtek Technology Corporation RT7264A Datasheet HTML 11Page - Richtek Technology Corporation RT7264A Datasheet HTML 12Page - Richtek Technology Corporation RT7264A Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT7264A
9
DS7264A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Current Limit vs. Input Voltage
0
2
4
6
8
10
12
4
6
8
10
12
14
16
18
20
22
Input Voltage (V)
Current Limit vs. Temperature
0
2
4
6
8
10
12
-50-25
0
25
50
75100
125
Temperature (°C)
VIN = 12V, VOUT = 1.22V
Time (100
μs/Div)
Load Transient Response
VOUT
(500mV/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1.22V, IOUT = 1A to 4A
Time (100
μs/Div)
Load Transient Response
VOUT
(500mV/Div)
IOUT
(2A/Div)
VIN = 12V, VOUT = 1.22V, IOUT = 0A to 4A
Time (1
μs/Div)
Output Ripple Voltage
VOUT
(50mV/Div)
VSW
(10V/Div)
IL
(2A/Div)
VIN = 12V, IOUT = 4A
Time (1
μs/Div)
Output Ripple Voltage
VOUT
(50mV/Div)
VSW
(10V/Div)
IL
(1A/Div)
VIN = 12V, IOUT = 1A


Similar Part No. - RT7264A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7264A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
   21V, 4A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com