Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7264A Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT7264A
Description  4A, 21V, 500kHz Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7264A Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT7264A Datasheet HTML 2Page - Richtek Technology Corporation RT7264A Datasheet HTML 3Page - Richtek Technology Corporation RT7264A Datasheet HTML 4Page - Richtek Technology Corporation RT7264A Datasheet HTML 5Page - Richtek Technology Corporation RT7264A Datasheet HTML 6Page - Richtek Technology Corporation RT7264A Datasheet HTML 7Page - Richtek Technology Corporation RT7264A Datasheet HTML 8Page - Richtek Technology Corporation RT7264A Datasheet HTML 9Page - Richtek Technology Corporation RT7264A Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
RT7264A
6
DS7264A-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VEN = 2V
--
1
--
EN Current
IEN
VEN = 0V
--
0
--
μA
Logic-High
VSYNCH
1.8
--
--
SYNC Threshold
Voltage
Logic-Low
VSYNCL
--
--
0.4
V
SYNC Frequency Range
fSYNC
0.3
--
2
MHz
SYNC Input Current
ISYNC
VSYNC = 6V
--
1.5
2.5
μA
Power Good Rising Threshold
--
90
--
%
Power Good Falling Threshold
--
70
--
%
Power Good Sink Current
Capability
Sink 4mA
--
--
0.4
V
Power Good Leakage Current
--
10
--
nA
Under Voltage Lockout
Threshold
VUVLO
VIN Rising
3.8
4
4.2
V
Under Voltage Lockout
Threshold Hysteresis
ΔV
UVLO
--
400
--
mV
VCC Regulator
--
5
--
V
VCC Load Regulation
ICC = 5mA
--
5
--
%
Soft-Start Period
tSS
CSS = 47nF
--
4.7
--
ms
Thermal Shutdown Threshold
TSD
--
150
--
Thermal Shutdown Hysteresis
ΔTSD
--
30
--
°C
Note 1. Stresses beyond those listed
“Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in
the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may
affect device reliability.
Note 2.
θJA is measured at TA = 25°C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. θJC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - RT7264A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7264A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3485 EUTECH-EUP3485 Datasheet
71Kb / 1P
   4A, 21V, 500KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7264E RICHTEK-RT7264E Datasheet
380Kb / 17P
   4A, 21V, 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
   21V, 4A, 500kHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8287A RICHTEK-RT8287A Datasheet
348Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288AZSP RICHTEK-RT8288AZSP Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
   4A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP8718 MPS-MP8718 Datasheet
510Kb / 17P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP28254 MPS-MP28254 Datasheet
365Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step down Converter
MP8709 MPS-MP8709 Datasheet
368Kb / 14P
   High Efficiency 4A, 21V, 500kHz Synchronous Step-down Converter
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com