Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMK316BJ106ML Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # TMK316BJ106ML
Description  3A, 23V, 1.2MHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

TMK316BJ106ML Datasheet(HTML) 5 Page - Richtek Technology Corporation

  TMK316BJ106ML Datasheet HTML 1Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 2Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 3Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 4Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 5Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 6Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 7Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 8Page - Richtek Technology Corporation TMK316BJ106ML Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT8283B
5
DS8283B-01
March 2011
www.richtek.com
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Logic-High
VIH
2.7
--
5.5
EN Threshold Voltage
Logic-Low
VIL
--
--
0.4
V
Input Under Voltage Lockout Threshold
VIN Rising
3.8
4.2
4.5
V
Input Under Voltage Lockout Hysteresis
--
320
--
mV
Soft-Start Current
VSS = 0V
--
6
--
μA
Soft-Start Period
CSS = 0.1μF
--
13.5
--
ms
Thermal Shutdown
TSD
--
150
--
°C
Note 1. Stresses listed as the above
"Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θJA is measured in natural convection at TA = 25°C on a high effective thermal conductivity four-layer test board of
JEDEC 51-7 thermal measurement standard. The measurement case position of
θJC is on the exposed pad for
SOP-8 (Exposed Pad) package.
Note 3. Devices are ESD sensitive. Handling precaution is recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.


Similar Part No. - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
TMK316BJ106ML RICHTEK-TMK316BJ106ML Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - TMK316BJ106ML

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8296B RICHTEK-RT8296B Datasheet
290Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
Analog Intergrations Co...
AIC2858F AIC-AIC2858F Datasheet
510Kb / 11P
   3A 23V Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6193 FEELING-FP6193 Datasheet
615Kb / 11P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com