Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7263B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7263B
Description  3A, 21V 500kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7263B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7263B Datasheet HTML 1Page - Richtek Technology Corporation RT7263B Datasheet HTML 2Page - Richtek Technology Corporation RT7263B Datasheet HTML 3Page - Richtek Technology Corporation RT7263B Datasheet HTML 4Page - Richtek Technology Corporation RT7263B Datasheet HTML 5Page - Richtek Technology Corporation RT7263B Datasheet HTML 6Page - Richtek Technology Corporation RT7263B Datasheet HTML 7Page - Richtek Technology Corporation RT7263B Datasheet HTML 8Page - Richtek Technology Corporation RT7263B Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7263B
3
DS7263B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
The RT7263B is a constant frequency, current mode
synchronous step-down converter. In normal operation,
the high side N-MOSFET is turned on when the S-R latch
is set by the oscillator and is turned off when the current
comparator resets the S-R latch. While the high side
N-MOSFET is turned off, the low side N-MOSFET is turned
on to conduct the inductor current until next cycle begins.
Error Amplifier
The error amplifier adjusts its output voltage by comparing
the feedback signal (VFB) with the internal reference. When
the load current increases, it causes a drop in the feedback
voltage relative to the reference, the error amplifier's output
voltage then rises to allow higher inductor current to match
the load current.
Oscillator
The internal oscillator runs at fixed frequency 500kHz. In
short circuit condition, the frequency is reduced to 150kHz
for low power consumption.
Internal Regulator
The regulator provides low voltage power to supply the
internal control circuits and the bootstrap power for high
side gate driver.
Enable
The converter is turned on when the EN pin is higher than
2V. When the EN pin is lower than 0.4V, the converter will
enter shutdown mode and reduce the supply current to
be less than 1
μA.
Soft-Start (SS)
An internal current source charges an internal capacitor
to build a soft-start ramp voltage. The FB voltage will track
the internal ramp voltage during soft-start interval. The
typical soft-start time is 4ms.
UV Comparator
If the feedback voltage (VFB) is lower than 0.4V, the UV
Comparator will go high to turn off the high side MOSFET.
The output under voltage protection is designed to operate
in Hiccup mode. When the UV condition is removed, the
converter will resume switching.
Thermal Shutdown
The over temperature protection function will shut down
the switching operation when the junction temperature
exceeds 150
°C. Once the junction temperature cools
down by approximately 30
°C, the converter will
automatically resume switching.
S
Q
R
Driver
-
+
Current Sense
Amplifier
PWM
Comparator
Oscillator
Ramp
Generator
Regulator
Reference
+
-
Error
Amplifier
SW
BOOT
FB
EN
VIN
GND
+
-
+
10µA
SS
VCC
400k
30pF
1pF
OC Limit
Clamp
SYNC


Similar Part No. - RT7263B

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
More results

Similar Description - RT7263B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28253 MPS-MP28253 Datasheet
373Kb / 15P
   21V, 3A, 500kHz Synchronous Step-down Converter
MP28266 MPS-MP28266 Datasheet
284Kb / 14P
   21V, 3A, 500kHz, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7263A RICHTEK-RT7263A Datasheet
454Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT7263E RICHTEK-RT7263E Datasheet
384Kb / 17P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8287 RICHTEK-RT8287 Datasheet
348Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
RT8288 RICHTEK-RT8288 Datasheet
325Kb / 14P
   3A, 21V 500kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EVQ28261-L-00A MPS-EVQ28261-L-00A Datasheet
343Kb / 6P
   21V, 3A 500kHz Synchronous Step-down Converter EV Board
MPQ28261 MPS-MPQ28261 Datasheet
606Kb / 20P
   21V, 3A, 500kHz Synchronous Step-Down Coverter
MP8716 MPS-MP8716 Datasheet
321Kb / 14P
   High Efficiency 3A, 21V, 500kHz Synchronous Step-down Converter
MP28256 MPS-MP28256 Datasheet
360Kb / 13P
   21V, 3A 500kHz Synchronous Step-Down Coverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com