Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8272 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8272
Description  3A, 24V, 1.2MHz Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8272 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8272 Datasheet HTML 2Page - Richtek Technology Corporation RT8272 Datasheet HTML 3Page - Richtek Technology Corporation RT8272 Datasheet HTML 4Page - Richtek Technology Corporation RT8272 Datasheet HTML 5Page - Richtek Technology Corporation RT8272 Datasheet HTML 6Page - Richtek Technology Corporation RT8272 Datasheet HTML 7Page - Richtek Technology Corporation RT8272 Datasheet HTML 8Page - Richtek Technology Corporation RT8272 Datasheet HTML 9Page - Richtek Technology Corporation RT8272 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT8272
6
DS8272-02 March 2011
www.richtek.com
Quiescent Current vs. Temperature
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VOUT = 3.3V
Current Limit vs. Duty Cycle
3.0
3.4
3.8
4.2
4.6
5.0
5.4
5.8
6.2
10
20
30
40
50
60
70
80
Duty Cycle (%)
UVLO vs. Temperature
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
-50
-25
0
255075
100
125
Temperature (
°C)
Rising
Falling
Load Transient Response
Time (100
μs/Div)
IOUT
(2A/Div)
VOUT
(50mV/Div)
VIN = 12V, VOUT = 3.3V
IOUT = 1.5A to 3A
Load Transient Response
Time (100
μs/Div)
IOUT
(2A/Div)
VOUT
(100mV/Div)
VIN = 12V, VOUT = 3.3V
IOUT = 0A to 3A
Enable Threshold vs. Temperature
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
-50
-25
0
255075
100
125
Temperature (
°C)
Rising
Falling


Similar Part No. - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
RT8274 RICHTEK-RT8274 Datasheet
198Kb / 12P
   The RT8274 is a high voltage buck converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
   5A, 36V, 500kHz Step-Down Converter
More results

Similar Description - RT8272

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8271 RICHTEK-RT8271 Datasheet
237Kb / 15P
   2A, 24V, 1.2MHz Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8253B RICHTEK-RT8253B Datasheet
205Kb / 15P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT7256B RICHTEK-RT7256B Datasheet
224Kb / 14P
   3A, 17V, 1.2MHz Synchronous Step-Down Converter
RT8269 RICHTEK-RT8269 Datasheet
198Kb / 12P
   3A, 24V, 400kHz Step-Down Converter
RT8280 RICHTEK-RT8280 Datasheet
249Kb / 16P
   3A, 24V, 3MHz Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8293B RICHTEK-RT8293B Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8283B RICHTEK-RT8283B Datasheet
205Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com