Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1E106K Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # C3225X5R1E106K
Description  2A, 24V, 1.2MHz Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1E106K Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button C3225X5R1E106K Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R1E106K Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
RT8271
9
DS8271-02 March 2011
www.richtek.com
Application Information
The RT8271 is an asynchronous high voltage buck
converter that can support the input voltage range from
4.75V to 24V and the output current can be up to 2A.
Output Voltage Setting
The resistive divider allows the FB pin to sense the output
voltage as shown in Figure 1.
Figure 1. Output Voltage Setting
The output voltage is set by an external resistive divider
according to the following equation :
⎛⎞
+
⎜⎟
⎝⎠
OUT
FB
R1
V
= V
1
R2
Where VFB is the feedback reference voltage (0.92V typ.).
External Bootstrap Diode
Connect a 10nF low ESR ceramic capacitor between the
BOOT pin and SW pin. This capacitor provides the gate
driver voltage for the high side MOSFET.
It is recommended to add an external bootstrap diode
between an external 5V and the BOOT pin for efficiency
improvement when input voltage is lower than 5.5V or duty
ratio is higher than 65%. The bootstrap diode can be a
low cost one such as 1N4148 or BAT54.
The external 5V can be a 5V fixed input from system or a
5V output of the RT8271.
Figure 2. External Bootstrap Diode
Soft-Start
The RT8271 contains an external soft-start clamp that
gradually raises the output voltage. The soft-start timming
can be programed by the external capacitor between SS
pin and GND. The chip provides a 10
μA charge current for
the external capacitor. If 10nF capacitor is used to set the
soft-start and it
’ s period will be 1ms (typ.).
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
highest efficiency operation. However, it requires a large
inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.2(IMAX)
will be a reasonable starting point. The largest ripple current
occurs at the highest VIN. To guarantee that the ripple
current stays below the specified maximum, the inductor
value should be chosen according to the following
equation :
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
Inductor Core Selection
The inductor type must be selected once the value for L
is known. Generally speaking, high efficiency converters
can not afford the core loss found in low cost powdered
iron cores. So, the more expensive ferrite or
mollypermalloy cores will be a better choice.
The selected inductance rather than the core size for a
fixed inductor value is the key for actual core loss. As the
inductance increases, core losses decrease. Unfortunately,
increase of the inductance requires more turns of wire
and therefore the copper losses will increase.
Ferrite designs are preferred at high switching frequency
due to the characteristics of very low core losses. So,
design goals can focus on the reduction of copper loss
and the saturation prevention.
RT8271
GND
FB
R1
R2
VOUT
SW
BOOT
5V
RT8271
10nF


Similar Part No. - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
299Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
262Kb / 15P
   3A, 36V, 500kHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1E106K RICHTEK-C3225X5R1E106K Datasheet
212Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1E106K

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8272 RICHTEK-RT8272 Datasheet
193Kb / 12P
   3A, 24V, 1.2MHz Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT8270 RICHTEK-RT8270 Datasheet
219Kb / 12P
   2A, 22V, 1.2MHz Step-Down Converter
RT8278 RICHTEK-RT8278 Datasheet
236Kb / 16P
   2A, 24V, 3MHz Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
   2A, 24V Synchronous Step-Down Converter
logo
Unisonic Technologies
UD24202 UTC-UD24202 Datasheet
257Kb / 5P
   2A, 24V, 1.4MHz STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE738D ACE-ACE738D Datasheet
1Mb / 12P
   2A, 24V Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
   2A, 24V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com