Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC7208S Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDMC7208S
Description  Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7208S Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDMC7208S_12 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 7Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 8Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 9Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 10Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FDMC7208S Rev.C2
Typical Characteristics (Q2 N-Channel) T
J = 25 °C unless otherwise noted
Figure 14. On- Region Characteristics
Figure 15. Normalized on-Resistance vs Drain
Current and Gate Voltage
Figure 16. Normalized On-Resistance
vs Junction Temperature
Figure 17. On-Resistance vs Gate to
Source Voltage
Figure 18. Transfer Characteristics
Figure 19. Source to Drain Diode
Forward Voltage vs Source Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
20
40
60
80
VGS = 4 V
VGS = 3.5 V
VGS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VGS = 3 V
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
0
204060
80
0
1
2
3
4
5
VGS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4 V
VGS = 4.5 V
VGS = 3 V
VGS = 10 V
-75
-50
-25
0
25
50
75
100
125
150
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
ID = 16 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
246
8
10
0
6
12
18
24
30
TJ = 125 oC
ID = 16 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
12
34
0
16
32
48
64
80
TJ = 125 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
0.00.2
0.40.6
0.81.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)


Similar Part No. - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
More results

Similar Description - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
FDMS7606 FAIRCHILD-FDMS7606 Datasheet
379Kb / 11P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 11.4 m廓 Q2: 30 V, 22 A, 11.6 m廓
FDS8958B FAIRCHILD-FDS8958B Datasheet
434Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m廓 Q2-P-Channel: -30 V, -4.5 A, 51 m廓
FDMS7620S FAIRCHILD-FDMS7620S Datasheet
364Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 10.1 A, 20.0 m廓 Q2: 30 V, 12.4 A, 11.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDC8878 FAIRCHILD-FDC8878 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
FDMA3028N FAIRCHILD-FDMA3028N Datasheet
284Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 3.8 A, 68 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com