Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC7208S Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDMC7208S
Description  Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC7208S Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDMC7208S_12 Datasheet HTML 1Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 2Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 3Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 4Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 5Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 6Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 7Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 8Page - Fairchild Semiconductor FDMC7208S_12 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FDMC7208S Rev.C2
Figure 7.
05
10
15
0
2
4
6
8
10
ID = 12 A
VDD = 20 V
VDD = 15 V
Qg, GATE CHARGE (nC)
VDD = 10 V
Gate Charge Characteristics
Figure 8.
0.1
1
10
30
10
100
1000
2000
f = 1 MHz
VGS = 0 V
VDS, DRAIN TO SOURCE VOLTAGE (V)
Crss
Coss
Ciss
Capacitance vs Drain
to Source Voltage
Figure9.
0.01
0.1
1
10
100
1
10
40
TJ = 100 oC
TJ = 25 oC
TJ = 125 oC
t
AV, TIME IN AVALANCHE (ms)
UnclampedInductive
Switching Capability
Figure 10.
0.01
0.1
1
10
100
0.01
0.1
1
10
100
DERIVED FROM
TEST DATA
10 s
10 ms
DC
1 s
100 ms
1 ms
VDS, DRAIN to SOURCE VOLTAGE (V)
THIS AREA IS
LIMITED BY r
DS(on)
SINGLE PULSE
TJ = MAX RATED
RθJA = 155
oC/W
TA = 25
oC
Forward Bias Safe
Operating Area
Figure 11. Single Pulse Maximum Power Dissipation
10
-3
10
-2
10
-1
10
0
10
1
100
1000
0.5
1
10
100
100
SINGLE PULSE
RθJA = 155
o
C/W
T
A = 25
o
C
t, PULSE WIDTH (sec)
Typical Characteristics (Q1 N-Channel) T
J = 25°C unless otherwise noted


Similar Part No. - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
More results

Similar Description - FDMC7208S_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC7208S FAIRCHILD-FDMC7208S Datasheet
447Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 9.0 m廓 Q2: 30 V, 16 A, 6.4 m廓
FDMS7606 FAIRCHILD-FDMS7606 Datasheet
379Kb / 11P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 12 A, 11.4 m廓 Q2: 30 V, 22 A, 11.6 m廓
FDS8958B FAIRCHILD-FDS8958B Datasheet
434Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m廓 Q2-P-Channel: -30 V, -4.5 A, 51 m廓
FDMS7620S FAIRCHILD-FDMS7620S Datasheet
364Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET Q1: 30 V, 10.1 A, 20.0 m廓 Q2: 30 V, 12.4 A, 11.2 m廓
FDMC7696 FAIRCHILD-FDMC7696 Datasheet
262Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 12 A, 11.5 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
FDC8878 FAIRCHILD-FDC8878 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 8.0 A, 16 m廓
FDMA3028N FAIRCHILD-FDMA3028N Datasheet
284Kb / 7P
   Dual N-Channel PowerTrench짰 MOSFET 30 V, 3.8 A, 68 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com