Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA7670 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMA7670
Description  Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 15 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA7670 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMA7670 Datasheet HTML 1Page - Fairchild Semiconductor FDMA7670 Datasheet HTML 2Page - Fairchild Semiconductor FDMA7670 Datasheet HTML 3Page - Fairchild Semiconductor FDMA7670 Datasheet HTML 4Page - Fairchild Semiconductor FDMA7670 Datasheet HTML 5Page - Fairchild Semiconductor FDMA7670 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2012 Fairchild Semiconductor Corporation
FDMA7670 Rev.C4
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
Electrical Characteristics T
J = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
30
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
15
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
1.0
2.0
3.0
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
–6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 11 A
10
15
m
Ω
VGS = 4.5 V, ID = 9 A
14
22
VGS = 10 V, ID = 11 A, TJ = 125 °C
14
21
gFS
Forward Transconductance
VDS = 5 V, ID = 11 A
36
S
Ciss
Input Capacitance
VDS = 15 V, VGS = 0 V
f = 1.0 MHz
1020
1360
pF
Coss
Output Capacitance
315
415
pF
Crss
Reverse Transfer Capacitance
35
55
pF
Rg
Gate Resistance
1.7
Ω
td(on)
Turn-On Delay Time
VDD = 15 V, ID = 11 A
VGS = 10 V, RGEN = 6 Ω
815
ns
tr
Rise Time
310
ns
td(off)
Turn-Off Delay Time
19
34
ns
tf
Fall Time
310
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 15 V,
ID = 11 A
16
22
nC
Qg
Total Gate Charge
VGS = 0 V to 4.5 V
8
10
nC
Qgs
Gate to Source Gate Charge
3.0
nC
Qgd
Gate to Drain “Miller” Charge
2.2
nC
IS
Maximum Continuous Drain-Source Diode Forward Current
2
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2 A
(Note 2)
0.8
1.2
V
trr
Reverse Recovery Time
IF = 11 A, di/dt = 100 A/μs
21
33
ns
Qrr
Reverse Recovery Charge
6
12
nC
a. 52 °C/W when mounted
on a 1 in2 pad of 2 oz copper.
b. 145 °C/W when mounted on a
minimum pad of 2 oz copper.


Similar Part No. - FDMA7670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
More results

Similar Description - FDMA7670

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA7630 FAIRCHILD-FDMA7630 Datasheet
219Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 11 A, 13 m廓
FDMA7632 FAIRCHILD-FDMA7632 Datasheet
218Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 19 m廓
FDMA7672 FAIRCHILD-FDMA7672 Datasheet
224Kb / 6P
   Single N-Channel PowerTrench짰 MOSFET 30 V, 9 A, 21 m廓
FDB110N15A FAIRCHILD-FDB110N15A Datasheet
242Kb / 9P
   N-Channel PowerTrench짰 MOSFET 150 V, 92 A, 11 m廓
FDML7610S FAIRCHILD-FDML7610S Datasheet
476Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 28 A, 4.2 m廓
FDMS8018 FAIRCHILD-FDMS8018 Datasheet
318Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 120 A, 1.8 m廓
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
logo
ON Semiconductor
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMS7700S FAIRCHILD-FDMS7700S Datasheet
471Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.4 m廓
FDMS7600AS FAIRCHILD-FDMS7600AS Datasheet
470Kb / 12P
   Dual N-Channel PowerTrench짰 MOSFET N-Channel: 30 V, 30 A, 7.5 m廓 N-Channel: 30 V, 40 A, 2.8 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com