Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP038AN06A0 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDP038AN06A0
Description  N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP038AN06A0 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDP038AN06A0_10 Datasheet HTML 2Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 3Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 4Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 5Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 6Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 7Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 8Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 9Page - Fairchild Semiconductor FDP038AN06A0_10 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
©2010 Fairchild Semiconductor Corporation
FDP038AN06A0 / FDI038AN06A0 Rev. B2
PSPICE Thermal Model
REV 23 July 4, 2002
FDP038AN06A0T
CTHERM1 TH 6 6.45e-3
CTHERM2 6 5 3e-2
CTHERM3 5 4 1.4e-2
CTHERM4 4 3 1.65e-2
CTHERM5 3 2 4.85e-2
CTHERM6 2 TL 1e-1
RTHERM1 TH 6 3.24e-3
RTHERM2 6 5 8.08e-3
RTHERM3 5 4 2.28e-2
RTHERM4 4 3 1e-1
RTHERM5 3 2 1.1e-1
RTHERM6 2 TL 1.4e-1
SABER Thermal Model
SABER thermal model FDP035AN06A0T
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 6 =6.45e-3
ctherm.ctherm2 6 5 =3e-2
ctherm.ctherm3 5 4 =1.4e-2
ctherm.ctherm4 4 3 =1.65e-2
ctherm.ctherm5 3 2 =4.85e-2
ctherm.ctherm6 2 tl =1e-1
rtherm.rtherm1 th 6 =3.24e-3
rtherm.rtherm2 6 5 =8.08e-3
rtherm.rtherm3 5 4 =2.28e-2
rtherm.rtherm4 4 3 =1e-1
rtherm.rtherm5 3 2 =1.1e-1
rtherm.rtherm6 2 tl=1.4e-1
}
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
th
JUNCTION
CASE


Similar Part No. - FDP038AN06A0_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
More results

Similar Description - FDP038AN06A0_10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP038AN06A0 FAIRCHILD-FDP038AN06A0_05 Datasheet
258Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m?
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDB070AN06_F085 FAIRCHILD-FDB070AN06_F085 Datasheet
731Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 7m廓
FDB035AN06A0 FAIRCHILD-FDB035AN06A0_12 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP038AN06A0 FAIRCHILD-FDP038AN06A0 Datasheet
280Kb / 10P
   N-Channel PowerTrench MOSFET 60V, 80A, 3.8m?
FDB8441 FAIRCHILD-FDB8441_10 Datasheet
462Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.5m廓
FDB8442 FAIRCHILD-FDB8442_10 Datasheet
457Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 2.9m廓
FDB8132 FAIRCHILD-FDB8132 Datasheet
338Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.6m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
logo
ON Semiconductor
FDB8443-F085 ONSEMI-FDB8443-F085 Datasheet
549Kb / 8P
   N-Channel PowerTrench짰 MOSFET 40V, 80A, 3.0m廓
September-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com