Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEM9PL Datasheet(PDF) 78 Page - ITT Industries

Part # DEM9PL
Description  D Subminiature Connectors
Download  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DEM9PL Datasheet(HTML) 78 Page - ITT Industries

Back Button DEM9PL Datasheet HTML 74Page - ITT Industries DEM9PL Datasheet HTML 75Page - ITT Industries DEM9PL Datasheet HTML 76Page - ITT Industries DEM9PL Datasheet HTML 77Page - ITT Industries DEM9PL Datasheet HTML 78Page - ITT Industries DEM9PL Datasheet HTML 79Page - ITT Industries DEM9PL Datasheet HTML 80Page - ITT Industries DEM9PL Datasheet HTML 81Page - ITT Industries DEM9PL Datasheet HTML 82Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
77
D Subminiature
Combo D
Straight PC Tails — European (Sizes DE-DD)
Part Numbers
Shell Size
Layout
Part Number
X
4.60 (.181)
Part Number
X
6.05 (.238)
DE
5W1
DEM-5W1S-OL2-A197
DEM-5W1S-OL4-A197
DA
7W2
DAM-7W2S-OL2-A197
DAM-7W2S-OL4-A197
DA
11W1
DAM-11W1S-OL2-A197
DAM-11W1S-OL4-A197
DA
3W3
DAM-3W3S-OL2-A197
DAM-3W3S-OL4-A197
DA
3WK3
DAM-3WK3S-OL2-A197
DAM-3WK3S-OL4-A197
DB
5W5
DBM-5W5S-OL2-A197
DBM-5W5S-OL4-A197
DB
9W4
DBM-9W4S-OL2-A197
DBM-9W4S-OL4-A197
DB
13W3
DBM-13W3S-OL2-A197
DBM-13W3S-OL4-A197
DB
17W2
DBM-17W2S-OL2-A197
DBM-17W2S-OL4-A197
DB
21W1
DBM-21W1S-OL2-A197
DBM-21W1S-OL4-A197
DC
8W8
DCM-8W8S-OL2-A197
DCM-8W8S-OL4-A197
DC
13W6
DCM-13W6S-OL2-A197
DCM-13W6S-OL4-A197
DC
17W5
DCM-17W5S-OL2-A197
DCM-17W5S-OL4-A197
DC
21WA4
DCM-21WA4S-OL2-A197
DCM-21WA4S-OL4-A197
DC
25W3
DCM-25W3S-OL2-A197
DCM-25W3S-OL4-A197
DC
27W2
DCM-27W2S-OL2-A197
DCM-27W2S-OL4-A197
DD
24W7
DDM-24W7S-OL2-A197
DDM-24W7S-OL4-A197
DD
36W4
DDM-36W4S-OL2-A197
DDM-36W4S-OL4-A197
DD
43W2
DDM-43W2S-OL2-A197
DDM-43W2S-OL4-A197
DD
47W1
DDM-47W1S-OL2-A197
DDM-47W1S-OL4-A197
Note: Performance class 3 standard, for performance class 2 add -A191. Example: DEM-5W1S-OL2-A191-A197
Keyed.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,38 (.015)
K
±0,318 (.0125)
L
±0,25 (.010)
DE
30,81 (1.213)
16,33 (.643)
24,99 (.984)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DA
39,14 (1.541)
24,66 (.971)
33,32 (1.312)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DB
53,04 (2.088)
38,38 (1.511)
47,04 (1.852)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DC
69,32 (2.729)
54,84 (2.159)
63,50 (2.500)
7,90 (.311)
12,55 (.494)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
DD
66,93 (2.635)
52,42 (2.064)
61,11 (2.406)
10,74 (.423)
15,37 (.605)
10,90 (.429)
6,94 (.273)
1,206 (.0475)
0,76 (.030)
Receptacle
Engaging Face
DD Configuration
10
°
A
C
E
D
B
Ø 3,05
(.120)
L
K
5,69
(.224)
2,84
(.112)
Reader’s Resource
For contact cavity arrangements,
see page 223.
For P.C. hole patterns, see pages 269-271.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Ø 0,60
(.024)
X
2,84
(.112)
W
F


Similar Part No. - DEM9PL

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
DEM-211-C ATGBICS-DEM-211-C Datasheet
339Kb / 10P
   DEM-211 D-Link Compatible Transceiver SFP, 100Base-FX (1310nm, MMF, 2km, DOM)
DEM-310GT-C ATGBICS-DEM-310GT-C Datasheet
322Kb / 9P
   DEM-310GT D-Link Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
DEM-311GT-C ATGBICS-DEM-311GT-C Datasheet
293Kb / 8P
   DEM-311GT D-Link Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
DEM-314GT-C ATGBICS-DEM-314GT-C Datasheet
285Kb / 8P
   DEM-314GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
DEM-315GT-C ATGBICS-DEM-315GT-C Datasheet
285Kb / 8P
   DEM-315GT D-Link Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
More results

Similar Description - DEM9PL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com