Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD86110 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDD86110
Description  N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD86110 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDD86110 Datasheet HTML 1Page - Fairchild Semiconductor FDD86110 Datasheet HTML 2Page - Fairchild Semiconductor FDD86110 Datasheet HTML 3Page - Fairchild Semiconductor FDD86110 Datasheet HTML 4Page - Fairchild Semiconductor FDD86110 Datasheet HTML 5Page - Fairchild Semiconductor FDD86110 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
©2011 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FDD86110 Rev.C
Typical Characteristics T
J = 25 °C unless otherwise noted
Figure 1.
01
23
45
0
15
30
45
60
V
GS = 5.5 V
V
GS = 5 V
V
GS = 10 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
GS = 6 V
V
GS = 4.5 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
On Region Characteristics
Figure 2.
0
15304560
0
1
2
3
4
5
V
GS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 4.5 V
V
GS = 6 V
V
GS = 5.5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
ID = 12.5 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
4
5
678
9
10
0
10
20
30
40
50
TJ = 125 oC
ID = 12.5 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
2
3
45
67
0
15
30
45
60
TJ = 25 oC
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDD86110

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD86110 ISC-FDD86110 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD86110

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86540 FAIRCHILD-FDMS86540 Datasheet
274Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
   N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMS86310 FAIRCHILD-FDMS86310 Datasheet
302Kb / 7P
   N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
FDT1600N10ALZ FAIRCHILD-FDT1600N10ALZ Datasheet
291Kb / 9P
   N-Channel PowerTrench짰 MOSFET 100 V, 5.6 A, 160 m廓
FDD86102LZ FAIRCHILD-FDD86102LZ_12 Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
ON Semiconductor
FDP085N10A ONSEMI-FDP085N10A Datasheet
3Mb / 10P
   N-Channel PowerTrench짰 MOSFET 100 V, 96 A, 8.5 m廓
November-2017, Rev. 3
logo
Fairchild Semiconductor
FDS86140 FAIRCHILD-FDS86140 Datasheet
255Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 11.2 A, 9.8 m廓
logo
Diodes Incorporated
FDD86102LZ DIODES-FDD86102LZ Datasheet
372Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 35 A, 22.5 m廓
logo
Fairchild Semiconductor
FDMS86150 FAIRCHILD-FDMS86150 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100 V, 60 A, 4.85 m廓
FDMS7650 FAIRCHILD-FDMS7650_12 Datasheet
248Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 100 A, 0.99 m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com