Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5N50NZFTM Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDD5N50NZFTM
Description  N-Channel MOSFET 500V, 3.7A, 1.75廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50NZFTM Datasheet(HTML) 7 Page - Fairchild Semiconductor

  FDD5N50NZFTM Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50NZFTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
FDD5N50NZF Rev. C0
www.fairchildsemi.com
7
Mechanical Dimensions
D-PAK
Dimensions in Millimeters


Similar Part No. - FDD5N50NZFTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50NZFTM FAIRCHILD-FDD5N50NZFTM Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FDD5N50NZFTM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50NZF FAIRCHILD-FDP5N50NZF Datasheet
272Kb / 9P
   N-Channel MOSFET 500V, 4.2A, 1.75廓
logo
Kersemi Electronic Co.,...
KSMD4N25 KERSEMI-KSMD4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
KSMU4N25 KERSEMI-KSMU4N25 Datasheet
3Mb / 8P
   N-Channel MOSFET 250 V, 3 A, 1.75廓
logo
STMicroelectronics
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDA28N50F FAIRCHILD-FDA28N50F_12 Datasheet
399Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDA28N50F FAIRCHILD-FDA28N50F Datasheet
541Kb / 8P
   N-Channel MOSFET 500V, 28A, 0.175廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com