Electronic Components Datasheet Search |
|
FDC86244 Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
FDC86244 Datasheet(HTML) 1 Page - Fairchild Semiconductor |
1 / 7 page November 2010 ©2010 Fairchild Semiconductor Corporation FDC86244 Rev.C www.fairchildsemi.com 1 FDC86244 N-Channel Power Trench® MOSFET 150 V, 2.3 A, 144 m Ω Features Max rDS(on) = 144 mΩ at VGS = 10 V, ID = 2.3 A Max rDS(on) = 188 mΩ at VGS = 6 V, ID = 1.9 A High performance trench technology for extremely low rDS(on) High power and current handling capability in a widely used surface mount package Fast switching speed 100% UIL Tested RoHS Compliant General Description This N-Channel MOSFET is produced using Fairchild Semiconductor‘s advanced Power Trench® process that has been optimized for rDS(on), switching performance and ruggedness. Applications Load Switch Synchronous Rectifier Primary Switch MOSFET Maximum Ratings T A = 25 °C unless otherwise noted Thermal Characteristics Package Marking and Ordering Information Symbol Parameter Ratings Units VDS Drain to Source Voltage 150 V VGS Gate to Source Voltage ±20 V ID Drain Current -Continuous (Note 1a) 2.3 A -Pulsed 10 EAS Single Pulse Avalanche Energy (Note 3) 12 mJ PD Power Dissipation (Note 1a) 1.6 W Power Dissipation (Note 1b) 0.8 TJ, TSTG Operating and Storage Junction Temperature Range -55 to +150 °C RθJC Thermal Resistance, Junction to Case 30 °C/W RθJA Thermal Resistance, Junction to Ambient (Note 1a) 78 Device Marking Device Package Reel Size Tape Width Quantity .244 FDC86244 SSOT-6 7 ’’ 8 mm 3000 units SuperSOTTM -6 G S D D D D Pin 1 1 2 3 6 5 4 D D G D D S |
Similar Part No. - FDC86244 |
|
Similar Description - FDC86244 |