Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB390N15A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB390N15A
Description  N-Channel PowerTrench짰 MOSFET 150V, 27A, 39m
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB390N15A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB390N15A Datasheet HTML 1Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 2Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 3Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 4Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 5Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 6Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 7Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 8Page - Fairchild Semiconductor FDB390N15A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FDB390N15A Rev. A2
www.fairchildsemi.com
4
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Eoss vs.Drain to Source Voltage
Figure 12. Unclamped Inductive
Switching Capability
-80
-40
0
40
80
120
160
200
0.92
0.96
1.00
1.04
1.08
1.12
*Notes:
1. VGS = 0V
2. ID = 250µA
TJ, Junction Temperature [
oC]
-80
-40
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
2.4
2.8
*Notes:
1. VGS = 10V
2. ID = 27A
TJ, Junction Temperature [
o
C]
25
50
75
100
125
150
175
0
5
10
15
20
25
30
RθJC = 2.0
o
C/W
VGS= 10V
TC, Case Temperature [
o
C]
1
10
100
200
0.01
0.1
1
10
100
300
10ms
10µs
100µs
1ms
VDS, Drain-Source Voltage [V]
Operation in This Area
is Limited by R DS(on)
*Notes:
1. TC = 25
o
C
2. TJ = 175
o
C
3. Single Pulse
DC
0
30
60
90
120
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
DS, Drain to Source Voltage
[
V]
0.01
0.1
1
10 20
1
10
If R = 0
tAV = (L)(IAS)/(1.3*RATED BVDSS-VDD)
If R = 0
tAV = (L/R)In[(IAS*R)/(1.3*RATED BVDSS-VDD)+1]
STARTING TJ = 25
o
C
STARTING TJ = 150
o
C
tAV, TIME IN AVALANCHE (ms)
12


Similar Part No. - FDB390N15A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDB390N15A ISC-FDB390N15A Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com