Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX423AL Datasheet(PDF) 4 Page - Sony Corporation

Part No. ICX423AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX423AL Datasheet(HTML) 4 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
– 4 –
ICX423AL
DC Characteristics
Output amplifier drain current
Input current
Input current
Item
IDD
IIN1
IIN2
Symbol
6
Min.
Unit
Remarks
Typ.
Max.
mA
µA
µA
1
10
2 Indications of substrate voltage (V
SUB
) and reset gate clock voltage (VRGL) setting value
The setting value of the substrate voltage and reset gate clock voltage are indicated on the back of the
image sensor by a special code. Adjust the substrate voltage (VSUB) and reset gate clock voltage (VRGL) to
the indicated voltage. The adjustment precision is ±3%.
VSUB code — one character indication
VRGL code — one character indication
↑↑
VRGL code
VSUB code
"Code" and optimal setting correspond to each other as follows.
<Example> "5K"
→ VRGL = 2.0V
VSUB = 12.0V
VSUB code
Optimal setting
D
9.0
4
5
E
9.5
f
10.0
G
10.5
h
11.0
J
11.5
K
12.0
L
12.5
m
13.0
N
13.5
P
14.0
Q
14.5
R
15.0
S
15.5
T
16.0
U
16.5
V
17.0
W
17.5
X
18.0
Y
18.5
Z
19.0
VRGL code
Optimal setting
1
0
2
0.5
3
1.0
4
1.5
5
2.0
6
2.5
7
3.0
3 This must no exceed the V
VL
voltage of the vertical clock waveform.
4 1) Current to each pin when 20V is applied to V
DD
, RD, VOUT, VSS, HIS and SUB pins, while pins that are
not tested are grounded.
2) Current to each pin when 20V is applied sequentially to V
φ1, Vφ2, Vφ3 and Vφ4 pins, while pins that are
not tested are grounded. However, 20V is applied to SUB pin.
3) Current to each pin when 15V is applied sequentially to H
φ1, Hφ2, RG and VGG pins, while pins that are
not tested are grounded. However, 15V is applied to SUB pin.
4) Current to VL pin when 30V is applied to V
φ1, Vφ3, HIS, VDD, RD and VOUT pins or when, 24V is applied
to RG pin or when, 20V is applied to V
φ2, Vφ4, VGG, VSS, Hφ1 and Hφ2 pins, while VL pin is grounded.
However, GND and SUB pins are left open.
5 Current to SUB pin when 55V is applied to SUB pin, while pins that are not tested are grounded.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn