Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX422 Datasheet(PDF) 5 Page - Sony Corporation

Part # ICX422
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX422 Datasheet(HTML) 5 Page - Sony Corporation

  ICX422 Datasheet HTML 1Page - Sony Corporation ICX422 Datasheet HTML 2Page - Sony Corporation ICX422 Datasheet HTML 3Page - Sony Corporation ICX422 Datasheet HTML 4Page - Sony Corporation ICX422 Datasheet HTML 5Page - Sony Corporation ICX422 Datasheet HTML 6Page - Sony Corporation ICX422 Datasheet HTML 7Page - Sony Corporation ICX422 Datasheet HTML 8Page - Sony Corporation ICX422 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
– 5 –
ICX422AL
Clock Voltage Conditions
1 The reset gate clock voltage need not be adjusted when the reset gate clock is driven when the
specifications are as given below. In this case, the reset gate clock voltage setting indicated on the back of
the image sensor has not significance.
Readout clock voltage
Vertical transfer clock
voltage
Horizontal transfer
clock voltage
Reset gata clock
voltage
Substrate clock voltage
Item
VVT
VVH1, VVH2,
VVH3, VVH4
VVL1, VVL2,
VVL3, VVL4
V
φV
| VVH1 – VVH2 |
VVH3 – VVH
VVH4 – VVH
VVHH
VVHL
VVLH
VVLL
V
φH
VHL
V
φRG
VRGL
V
φSUB
Symbol
14.5
–0.6
8.9
–0.5
–0.5
6.0
–3.5
6.0
0
27.0
Min.
15.0
–9.6
Typ.
15.5
0
0.2
0
0
0.8
1.0
0.8
0.8
8.0
–3.0
13.0
3.0
32.0
Max.
Unit
1
2
2
2
2
2
2
2
2
2
2
3
3
3
3
4
Waveform
diagram
VVH = (VVH1 + VVH2)/2
VVL = (VVL3 + VVL4)/2
V
φV = VVHn – VVLn (n = 1 to 4)
High-level coupling
High-level coupling
Low-level coupling
Low-level coupling
1
Remarks
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Reset gate clock
voltage
Item
VRGL
V
φRG
Symbol
–0.2
8.5
Min.
0
9.0
Typ.
0.2
9.5
Max.
Unit
3
3
Waveform
diagram
Remarks
V
V


Similar Part No. - ICX422

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX423 SONY-ICX423 Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX424AL SONY-ICX424AL Datasheet
299Kb / 29P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX422

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX062AL SONY-ICX062AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com