Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT7250A Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT7250A
Description  2A, 17V, 340/800kHz Synchronous Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7250A Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT7250A Datasheet HTML 1Page - Richtek Technology Corporation RT7250A Datasheet HTML 2Page - Richtek Technology Corporation RT7250A Datasheet HTML 3Page - Richtek Technology Corporation RT7250A Datasheet HTML 4Page - Richtek Technology Corporation RT7250A Datasheet HTML 5Page - Richtek Technology Corporation RT7250A Datasheet HTML 6Page - Richtek Technology Corporation RT7250A Datasheet HTML 7Page - Richtek Technology Corporation RT7250A Datasheet HTML 8Page - Richtek Technology Corporation RT7250A Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT7250A/B
3
DS7250A/B-01 May 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Pin No.
Pin Name
Pin Function
1
SW
Switch Node. Connect to external L-C filter.
2
VIN
Input Supply Voltage. Must bypass with a suitably large ceramic capacitor.
3
BOOT
Bootstrap for High Side Gate Driver. Connect 0.01
μF or greater ceramic
capacitor from BOOT to SW pin.
4
EN
Chip Enable. A logic-high enables the converter; a logic-low forces the
RT7250A/B into shutdown mode, reducing the supply current to less than 5
μA.
Attach this pin to VIN with a 100k
Ω pull up resistor for automatic startup.
5
FB
Feedback Input Pin. For an adjustable output, connect an external resistive
voltage divider to this pin.
6
PGOOD
Power Good Indicator. The output of this pin is low if the output voltage is
12.5% less than the nominal voltage. Otherwise, it is an open drain.
7,
9 (Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
8
NC
No Internal Connection.
Functional Pin Description
Internal
Regulator
+
-
Enable
Comparator
EN
2.5V
5k
3V
VIN
OSC
340kHz/800kHz
Foldback
Control
+
-
1pF
35pF 400k
+
-
Error Amp
0.8V
UV Comparator
+
-
+
- Current
Comparator
OV Comparator
0.4V
UV
FB
R
SQ
Q
VA
+
-
0.7V
FB
BOOT
155m
SW
GND
PGOOD
Current Sense
Amplifier
Slope Comp
PGOOD
Comparator
VA VCC
150m
+
-
1V
OV


Similar Part No. - RT7250A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7250BZSP RICHTEK-RT7250BZSP Datasheet
740Kb / 10P
   RT7250BZSP Evaluation Board
More results

Similar Description - RT7250A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7252A RICHTEK-RT7252A Datasheet
360Kb / 14P
   2A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7251A RICHTEK-RT7251A Datasheet
241Kb / 14P
   1.5A, 17V, 340/800kHz Synchronous Step-Down Converter
RT7247C RICHTEK-RT7247C Datasheet
277Kb / 15P
   2A, 18V, 800kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
logo
Richtek Technology Corp...
RT7297C RICHTEK-RT7297C Datasheet
289Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257G RICHTEK-RT7257G Datasheet
277Kb / 15P
   3A, 18V, 800kHz Synchronous Step-Down Converter
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3421 EUTECH-EUP3421 Datasheet
89Kb / 1P
   2A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com