Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R0J476M Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # C3225X5R0J476M
Description  2A, 18V, 1.2MHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R0J476M Datasheet(HTML) 3 Page - Richtek Technology Corporation

  C3225X5R0J476M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R0J476M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT7247B
3
DS7247B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Function Block Diagram
Operation
Internal Regulator
Provide internal power for logic control and switch gate
drivers.
Shutdown Comparator
Activate internal regulator once EN input level is higher
than the target level. Force IC to enter shutdown mode
when the EN input level is lower than 0.4V.
Lockout Comparator
Activate the current comparator, release lock-out logic,
and enable the switches as EN input level is higher than
lockout threshold voltage. Otherwise, the switches still
lock out.
Oscillator
The oscillator provides internal clock and controls the
converter's switching frequency.
Foldback Control
Dynamically adjust the internal clock. It provides a slower
frequency as a lower FB voltage.
UV Comparator
As FB voltage is lower than the UV voltage, it will activate
a UV protect scheme.
Error Amplifier
The output voltage COMP of the error amplifier is adjusted
by comparing FB signal with the internal reference voltage
and SS signal.
Current Sense Amplifier
RSENSE detects the peak current of the high side switch.
This signal is amplified by the current sense amplifier and
added with a slope compensation signal. Then, It controls
the switches by comparing this signal with the COMP
voltage.
VA
+
-
+
-
+
-
UV
Comparator
Oscillator
Foldback
Control
0.4V
Internal
Regulator
+
-
1.8V
Shutdown
Comparator
Current Sense
Amplifier
BOOT
VIN
GND
SW
FB
EN
COMP
VA VCC
6µA
Slope Comp
Current
Comparator
+
-
EA
0.8V
S
R
Q
Q
SS
+
-
1.2V
Lockout
Comparator
VCC
+
130m
Ω
150m
Ω
RSENSE
5k
Ω


Similar Part No. - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
TDK Electronics
C3225X5R0J476M TDK-C3225X5R0J476M Datasheet
101Kb / 15P
   General Multilayer Ceramic Chip Capacitors C Series
logo
Richtek Technology Corp...
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R0J476M RICHTEK-C3225X5R0J476M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
logo
National Semiconductor ...
C3225X5R0J476M NSC-C3225X5R0J476M Datasheet
1Mb / 12P
   LMZ1050xEXT Evaluation Board
More results

Similar Description - C3225X5R0J476M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com