Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX422AL Datasheet(PDF) 10 Page - Sony Corporation

Part # ICX422AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX422AL Datasheet(HTML) 10 Page - Sony Corporation

Back Button ICX422AL Datasheet HTML 6Page - Sony Corporation ICX422AL Datasheet HTML 7Page - Sony Corporation ICX422AL Datasheet HTML 8Page - Sony Corporation ICX422AL Datasheet HTML 9Page - Sony Corporation ICX422AL Datasheet HTML 10Page - Sony Corporation ICX422AL Datasheet HTML 11Page - Sony Corporation ICX422AL Datasheet HTML 12Page - Sony Corporation ICX422AL Datasheet HTML 13Page - Sony Corporation ICX422AL Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
– 10 –
ICX422AL
Light
Signal output 350mV
Vlag (lag)
FLD
V1
Strobe light
timing
Output
1
10
1
500
VSm
350
3. Smear
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity to
500 times the intensity with average value of the signal output, 350mV. When the readout clock is stopped
and the charge drain is executed by the electronic shutter at the respective H blankings, measure the
maximum value (VSm [mV]) of the signal output and substitute the value into the following formula.
Sm = 20
× log
×
×
× 100 [dB] (1/10V method conversion value)
4. Video signal shading
Set to standard imaging condition II. With the lens diaphragm at F5.6 to F8, adjust the luminous intensity so
that the average value of the signal output is 350mV. Then measure the maximum (Vmax [mV]) and
minimum (Vmin [mV]) values of the signal output and substitute the values into the following formula.
SH = (Vmax – Vmin)/350
× 100 [%]
5. Dark signal
Measure the average value of the signal output (Vdt [mV]) with the device ambient temperature 60°C and
the device in the light-obstructed state, using the horizontal idle transfer level as a reference.
6. Dark signal shading
After measuring 5, measure the maximum (Vdmax [mV]) and minimum (Vdmin [mV]) values of the dark
signal output and substitute the values into the following formula.
∆Vdt = Vdmax – Vdmin [mV]
7. Flicker
Set to standard imaging condition II. Adjust the luminous intensity so that the average value of the signal
output is 350mV, and then measure the difference in the signal level between fields (
∆Vf [mV]). Then
substitute the value into the following formula.
F = (
∆Vf/350) × 100 [%]
8. Lag
Adjust the signal output value generated by strobe light to 350mV. After setting the strobe light so that it
strobes with the following timing, measure the residual signal (Vlag). Substitute the value into the following
formula.
Lag = (Vlag/350)
× 100 [%]


Similar Part No. - ICX422AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX423 SONY-ICX423 Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX424AL SONY-ICX424AL Datasheet
299Kb / 29P
   Diagonal 6mm (Type 1/3) Progressive Scan CCD Solid-state Image Sensor with Square Pixel for B/W Cameras
ICX424AQ SONY-ICX424AQ Datasheet
255Kb / 27P
   Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX428AKL SONY-ICX428AKL Datasheet
188Kb / 21P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for NTSC Color Video Cameras
More results

Similar Description - ICX422AL

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX062AL SONY-ICX062AL Datasheet
225Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Camera
ICX423AL SONY-ICX423AL Datasheet
161Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for CCIR B/W Video Cameras
ICX082AL SONY-ICX082AL Datasheet
232Kb / 16P
   Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA Black-and-White Video Cameras
ICX418ALL SONY-ICX418ALL Datasheet
174Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX428ALB SONY-ICX428ALB Datasheet
222Kb / 20P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
ICX258AL SONY-ICX258AL Datasheet
187Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX404AL SONY-ICX404AL Datasheet
190Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX408AL SONY-ICX408AL Datasheet
193Kb / 17P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX054BL SONY-ICX054BL Datasheet
198Kb / 18P
   Diagonal 6mm (Type 1/3) CCD Image Sensor for EIA B/W Video Cameras
ICX418ALB SONY-ICX418ALB Datasheet
34Kb / 1P
   Diagonal 8mm (Type 1/2) CCD Image Sensor for EIA B/W Video Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com