Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICX422AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX422AL
Description  Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

ICX422AL Datasheet(HTML) 1 Page - Sony Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
– 1 –
E01X22-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX422AL
20 pin DIP (Ceramic)
Diagonal 11mm (Type 2/3) CCD Image Sensor for EIA B/W Video Cameras
Description
The ICX422AL is an interline CCD solid-state image
sensor suitable for EIA B/W video cameras with a
diagonal 11mm (Type 2/3) system. Compared with the
current product ICX082AL, basic characteristics such
as sensitivity and smear are improved drastically and
high saturation characteristics are realized.
This chip features a field period readout system and
an electronic shutter with variable charge-storage
time. This chip is compatible with the pins of the
ICX082AL and has the same drive conditions.
Features
• High sensitivity (+3.0dB compared with the ICX082AL)
• Low smear (–10.0dB compared with the ICX082AL)
• High saturation signal (+2.0dB compared with the ICX082AL)
• High resolution and Low dark current
• Excellent antiblooming characteristics
• Continuous variable-speed shutter
Device Structure
• Interline CCD image sensor
• Optical size:
Diagonal 11mm (Type 2/3)
• Number of effective pixels: 768 (H)
× 494 (V) approx. 380K pixels
• Total number of pixels:
811 (H)
× 508 (V) approx. 410K pixels
• Chip size:
10.25mm (H)
× 8.5mm (V)
• Unit cell size:
11.6µm (H)
× 13.5µm (V)
• Optical black:
Horizontal (H) direction: Front 3 pixels, rear 40 pixels
Vertical (V) direction:
Front 12 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 22
Vertical 1 (even fields only)
• Substrate material:
Silicon
Optical black position
(Top View)
2
12
V
H
Pin 1
Pin 11
40
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn