Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCP190N60E Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FCP190N60E
Description  600V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCP190N60E Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FCP190N60E Datasheet HTML 1Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 2Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 3Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 4Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 5Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 6Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 7Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 8Page - Fairchild Semiconductor FCP190N60E Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FCP190N60E / FCPF190N60E Rev. C4
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FCP190N60E
FCP190N60E
TO-220
-
-
50
FCPF190N60E
FCPF190N60E
TO-220F
-
-
50
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain to Source Breakdown Voltage
VGS = 0V, ID = 10mA, TJ = 25°C
600
-
-
V
VGS = 0V, ID = 10mA, TJ = 150°C
650
-
-
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = 10mA, Referenced to 25
oC
-
0.67
-
V/oC
BVDS
Drain-Source Avalanche Breakdown
Voltage
VGS = 0V, ID = 20A
-
700
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 480V, VGS = 0V
-
-
1
μA
VDS = 480V, TC = 125
oC-
-
10
IGSS
Gate to Body Leakage Current
VGS = ±20V, VDS = 0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250μA2.5
-
3.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 10A
-
0.16
0.19
Ω
gFS
Forward Transconductance
VDS = 20V, ID = 10A
-20
-
S
Ciss
Input Capacitance
VDS = 25V, VGS = 0V
f = 1MHz
-
2385
3175
pF
Coss
Output Capacitance
-
1795
2396
pF
Crss
Reverse Transfer Capacitance
-
110
165
pF
Coss
Output Capacitance
VDS = 380V, VGS = 0V, f = 1.0MHz
-
42
-
pF
Coss eff.
Effective Output Capacitance
VDS = 0V to 480V, VGS = 0V
-
178
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 380V, ID = 10A
VGS = 10V
(Note 4)
-63
82
nC
Qgs
Gate to Source Gate Charge
-
10
-
nC
Qgd
Gate to Drain “Miller” Charge
-
24
-
nC
ESR
Equivalent Series Resistance
Drain open
-
5
-
Ω
td(on)
Turn-On Delay Time
VDD = 380V, ID = 10A
VGS = 10V, RG = 4.7Ω
(Note 4)
-23
56
ns
tr
Turn-On Rise Time
-
14
38
ns
td(off)
Turn-Off Delay Time
-
101
212
ns
tf
Turn-Off Fall Time
-
15
40
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
20.6
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
61.8
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0V, ISD = 10A
-
-
1.2
V
trr
Reverse Recovery Time
VGS = 0V, ISD = 10A
dIF/dt = 100A/μs
-
308
-
ns
Qrr
Reverse Recovery Charge
-
4.8
-
μC
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS = 4A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 10A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Essentially Independent of Operating Temperature Typical Characteristics


Similar Part No. - FCP190N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCP190N60E FAIRCHILD-FCP190N60E Datasheet
647Kb / 10P
   FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
FCP190N60E FAIRCHILD-FCP190N60E Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FCP190N60E ISC-FCP190N60E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCP190N60E

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com