Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1540_1210 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO1540_1210
Description  Low-Power Bidirectional I2C Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540_1210 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1540_1210 Datasheet HTML 5Page - Texas Instruments ISO1540_1210 Datasheet HTML 6Page - Texas Instruments ISO1540_1210 Datasheet HTML 7Page - Texas Instruments ISO1540_1210 Datasheet HTML 8Page - Texas Instruments ISO1540_1210 Datasheet HTML 9Page - Texas Instruments ISO1540_1210 Datasheet HTML 10Page - Texas Instruments ISO1540_1210 Datasheet HTML 11Page - Texas Instruments ISO1540_1210 Datasheet HTML 12Page - Texas Instruments ISO1540_1210 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
0
300
0
50
100
150
200
Case Temperature ( C)
o
200
350
100
250
150
50
VCC1 =
= 3.6 V
VCC2
VCC1 =
= 5.5 V
VCC2
ISO1540
ISO1541
www.ti.com
SLLSEB6A – JULY 2012 – REVISED OCTOBER 2012
Table 4. IEC 60664-1 RATINGS TABLE
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I–III
Rated mains voltage
≤ 400 VRMS
I–II
Table 5. REGULATORY INFORMATION
VDE
CSA
UL
Certified according to DIN EN 60747-5-2
Approved under CSA Component Acceptance Notice
Recognized under UL 1577
(VDE 0884 Part 2) and EN 61010-1
5A, CSA/IEC 60950-1 and CSA/IEC 61010-1
Component Recognition Program
Basic insulation per CSA 60950-1-07 and IEC 60950-1
(2nd Ed), 390 VRMS maximum working voltage
Basic Insulation
Basic insulation per CSA 61010-1-04 and IEC 61010-1
Maximum Transient Overvoltage, 4000 VPK
Single Protection Isolation Voltage,
(2nd Ed), 300 VRMS maximum working voltage
Maximum Surge Voltage, 4000 VPK
2500 VRMS
(1)
Reinforced insulation per CSA 61010-1-04 and IEC
Maximum Working Voltage, 566 VPK
61010-1 (2nd Ed), 150 VRMS maximum working
voltage
File number: 40016131 (pending)
File number: 220991
File number: E181974
(1)
Production tested
≥ 3000 VRMS for 1 second in accordance with UL 1577.
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the IO can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 114.6°C/W, VI = 5.5V, TJ = 150°C, TA = 25°C
198
Safety input, output, or supply
IS
D-8
mA
current
θJA = 114.6°C/W, VI = 3.6V, TJ = 150°C, TA = 25°C
303
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute maximum junction temperature specified in the absolute maximum
ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
ISO154x THERMAL DERATING
Figure 5.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO1540 ISO1541


Similar Part No. - ISO1540_1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1540_1210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_17 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com