Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1C22M Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # C3225X5R1C22M
Description  2A, 18V, 1.2MHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C22M Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button C3225X5R1C22M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 9Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 10Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 11Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 12Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 13Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 14Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
RT7237B
11
DS7237B-01
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
OUT
OUT
L
IN
VV
I =
1
fL
V
⎡⎤ ⎡
Δ× −
⎢⎥ ⎢
×
⎣⎦ ⎣
Under Voltage Protection
Hiccup Mode
For the RT7237BH, it provides Hiccup Mode Under Voltage
Protection (UVP). When the VFB voltage drops below 0.4V,
the UVP function will be triggered to shut down switching
operation. If the UVP condition remains for a period, the
RT7237BH will retry automatically. When the UVP
condition is removed, the converter will resume operation.
The UVP is disabled during soft-start period.
Having a lower ripple current reduces not only the ESR
losses in the output capacitors but also the output voltage
ripple. High frequency with small ripple current can achieve
the highest efficiency operation. However, it requires a
large inductor to achieve this goal.
For the ripple current selection, the value of
ΔIL= 0.24(IMAX)
will be a reasonable starting point. The largest ripple
current occurs at the highest VIN. To guarantee that the
ripple current stays below the specified maximum, the
inductor value should be chosen according to the following
equation :
Table 2. Suggested Inductors for Typical
Application Circuit
Component
Supplier
Series
Dimensions
(mm)
TDK
VLF10045
10 x 9.7 x 4.5
TDK
SLF12565
12.5 x 12.5 x 6.5
TAIYO
YUDEN
NRS8040
8 x 8 x 4
OUT
OUT
L(MAX)
IN(MAX)
VV
L =
1
fI
V
⎡⎤ ⎡
×−
⎢⎥ ⎢
×Δ
⎣⎦ ⎣
The inductor's current rating (caused a 40
°C temperature
rising from 25
°C ambient) should be greater than the
maximum load current and its saturation current should
be greater than the short circuit peak current limit. Please
see Table 2 for the inductor selection reference.
Latch-Off Mode
For the RT7237BL, it provides Latch-Off Mode Under
Voltage Protection (UVP). When the FB voltage drops
below half of the feedback reference voltage, VFB, UVP
will be triggered and the RT7237BL will shut down in Latch-
Off Mode. In shutdown condition, the RT7237BL can be
reset by EN pin or power input VIN.
Figure 5. Hiccup Mode Under Voltage Protection
Figure 6. Latch-Off Mode Under Voltage Protection
Over Temperature Protection
The RT7237B features an Over Temperature Protection
(OTP) circuitry to prevent from overheating due to
excessive power dissipation. The OTP will shut down
switching operation when junction temperature exceeds
150
°C. Once the junction temperature cools down by
approximately 20
°C, the converter will resume operation.
To maintain continuous operation, the maximum junction
temperature should be lower than 125
°C.
Inductor Selection
The inductor value and operating frequency determine the
ripple current according to a specific input and output
voltage. The ripple current
ΔIL increases with higher VIN
and decreases with higher inductance.
Time (50ms/Div)
Latch-Off Mode
VOUT
(2V/Div)
IL
(2A/Div)
Time (50ms/Div)
Hiccup Mode
IL
(2A/Div)
VOUT
(500mV/Div)


Similar Part No. - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com