Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3225X5R1C22M Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # C3225X5R1C22M
Description  2A, 18V, 1.2MHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

C3225X5R1C22M Datasheet(HTML) 1 Page - Richtek Technology Corporation

  C3225X5R1C22M Datasheet HTML 1Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 2Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 3Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 4Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 5Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 6Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 7Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 8Page - Richtek Technology Corporation C3225X5R1C22M Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT7237B
®
DS7237B-01
September 2012
www.richtek.com
1
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
©
Applications
Wireless AP/Router
Set-Top-Box
Industrial and Commercial Low Power Systems
LCD Monitors and TVs
Green Electronics/Appliances
Point of Load Regulation of High-Performance DSPs
2A, 18V, 1.2MHz Synchronous Step-Down Converter
General Description
The RT7237B is a high efficiency, monolithic synchronous
step-down DC/DC converter that can deliver up to 2A
output current from a 4.5V to 18V input supply. The
RT7237B's current mode architecture and external
compensation allow the transient response to be
optimized over a wide input range and loads. Cycle-by-
cycle current limit provides protection against shorted
outputs, and soft-start eliminates input current surge during
start-up. The RT7237B also provides under voltage
protection and thermal shutdown protection. The low
current (<3
μA) shutdown mode provides output
disconnection, enabling easy power management in
battery-powered systems. The RT7237B is available in
an SOP-8 (Exposed Pad) package.
Features
±±±±±1.5% High Accuracy Reference Voltage
4.5V to 18V Input Voltage Range
2A Output Current
Integrated N-MOSFET Switches
Current Mode Control
Fixed Frequency Operation : 1.2MHz
Output Adjustable from 0.8V to 12V
Stable with Low ESR Ceramic Output Capacitors
Up to 95% Efficiency
Programmable Soft-Start
Cycle-by-Cycle Over Current Limit
Input Under Voltage Lockout
Output Under Voltage Protection
Thermal Shutdown Protection
RoHS Compliant and Halogen Free
Marking Information
RT7237Bx
GSPYMDNN
RT7237BxGSP : Product Number
x : H or L
YMDNN : Date Code
Simplified Application Circuit
VIN
EN
GND
BOOT
FB
SW
L
R1
R2
VOUT
VIN
RT7237B
SS
CSS
COMP
CC
RC
CBOOT
CIN
COUT
Chip Enable


Similar Part No. - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
289Kb / 14P
   3A, 23V, 1.2MHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
275Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
263Kb / 15P
   2A, 23V, 340kHz Synchronous Step-Down Converter
C3225X5R1C22M RICHTEK-C3225X5R1C22M Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
More results

Similar Description - C3225X5R1C22M

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT7247B RICHTEK-RT7247B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Unisonic Technologies
UD05201 UTC-UD05201 Datasheet
366Kb / 5P
   1.2MHZ, 2A SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT2652 RICHTEK-RT2652 Datasheet
205Kb / 12P
   2A, 1.2MHz Synchronous Step-Down Converter
RT7257B RICHTEK-RT7257B Datasheet
284Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7297B RICHTEK-RT7297B Datasheet
278Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
   3A, 18V, 1.2MHz Synchronous Step-Down Converter
RT8252B RICHTEK-RT8252B Datasheet
199Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8295B RICHTEK-RT8295B Datasheet
290Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8282B RICHTEK-RT8282B Datasheet
204Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
RT8292B RICHTEK-RT8292B Datasheet
298Kb / 14P
   2A, 23V, 1.2MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com