Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ICX285AL Datasheet(PDF) 1 Page - Sony Corporation

Part No. ICX285AL
Description  Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX285AL Datasheet(HTML) 1 Page - Sony Corporation

  ICX285AL Datasheet HTML 1Page - Sony Corporation ICX285AL Datasheet HTML 2Page - Sony Corporation ICX285AL Datasheet HTML 3Page - Sony Corporation ICX285AL Datasheet HTML 4Page - Sony Corporation ICX285AL Datasheet HTML 5Page - Sony Corporation ICX285AL Datasheet HTML 6Page - Sony Corporation ICX285AL Datasheet HTML 7Page - Sony Corporation ICX285AL Datasheet HTML 8Page - Sony Corporation ICX285AL Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
– 1 –
E00Y42A27
Sony reserves the right to change products and specifications without prior notice. This information does not convery any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
ICX285AL
20 pin DIP (Ceramic)
Diagonal 11 mm (Type 2/3) Progressive Scan CCD Image
Sensor with Square Pixel for B/W Cameras
Description
The ICX285AL is a diagonal 11 mm (Type 2/3)
interline CCD solid-state image sensor with a square
pixel array. High sensitivity and low smear are
achieved through the adoption of EXview HAD CCD
technology. Progressive scan allows all pixel’s signals
to be output independently within approximately
1/15 second. Also, the adoption of high frame rate
readout mode supports 60 frames per second. This
chip features an electronic shutter with variable
charge-storage time which makes it possible to realize
full-frame still images without a mechanical shutter.
This chip is suitable for image input applications
such as still cameras which require high resolution,
etc.
Features
• Progressive scan allows individual readout of the image signals from all pixels.
• High horizontal and vertical resolution (both approximately 1024 TV-lines) still images without a mechanical
shutter
• Supports high frame rate readout mode (effective 256 lines output, 60 frame/s)
• Square pixel
• Aspect ratio: 4:3
• Horizontal drive frequency: 28.64 MHz
• High sensitivity, low smear
• Low dark current, excellent anti-blooming characteristics
• Continuous variable-speed shutter
• Horizontal register: 5.0 V drive
Device Structure
• Interline CCD image sensor
• Image size:
Diagonal 11 mm (Type 2/3)
• Total number of pixels:
1434 (H)
× 1050 (V) approx. 1.50M pixels
• Number of effective pixels: 1392 (H)
× 1040 (V) approx. 1.45M pixels
• Number of active pixels:
1360 (H)
× 1024 (V) approx. 1.40M pixels
• Chip size:
10.2 mm (H)
× 8.3 mm (V)
• Unit cell size:
6.45 µm (H)
× 6.45 µm (V)
• Optical black:
Horizontal (H) direction: Front 2 pixels, rear 40 pixels
Vertical (V) direction: Front 8 pixels, rear 2 pixels
• Number of dummy bits:
Horizontal 20
Vertical 3
• Substrate material:
Silicon
Optical black position
(Top View)
40
H
2
8
2
V
Pin 11
Pin 1
* EXview HAD CCD is a trademark of Sony Corporation.
EXview HAD CCD is a CCD that drastically improves light efficiency by including near infrared light region as a basic structure of
HAD (Hole-Accumulation-Diode) sensor.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ICX098BL Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX098BQ Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX415AQ Diagonal 8mm Type 1/2 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX274AQF Diagonal 8.923mm Type 1/1.8 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX285AQ Diagonal 11mm Type 2/3 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX098AK Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX274AL Diagonal 8.923mm Type 1/1.8 Progressive Scan CCD Image Sensor with Square Pixel for B/W Video Cameras 1  2  3  4  5  More Sony Corporation
ICX098AL Diagonal 4.5mm Type 1/4 Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras 1  2  3  4  5  More Sony Corporation
ICX084AK Diagonal 6mm Type 1/3 Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras 1  2  3  4  5  More Sony Corporation
ICX084AL Diagonal 6mm Type 1/3 Progressive Scan CCD Image Sensor with Square Pixel for B/W Cameras 1  2  3  4  5  More Sony Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn