Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7319M Datasheet(PDF) 21 Page - Fairchild Semiconductor

Part # FAN7319M
Description  LCD Backlight Inverter Drive IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7319M Datasheet(HTML) 21 Page - Fairchild Semiconductor

Back Button FAN7319M Datasheet HTML 15Page - Fairchild Semiconductor FAN7319M Datasheet HTML 16Page - Fairchild Semiconductor FAN7319M Datasheet HTML 17Page - Fairchild Semiconductor FAN7319M Datasheet HTML 18Page - Fairchild Semiconductor FAN7319M Datasheet HTML 19Page - Fairchild Semiconductor FAN7319M Datasheet HTML 20Page - Fairchild Semiconductor FAN7319M Datasheet HTML 21Page - Fairchild Semiconductor FAN7319M Datasheet HTML 22Page - Fairchild Semiconductor FAN7319M Datasheet HTML 23Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7319 • 1.0.1
21
Typical Half-Bridge Application Circuit (LCD Backlight Inverter)
Application
Input Voltage Range
Number of Lamps
LCD TV (LIPS Type)
13±10%
CCFL/EEFL IP
Figure 48. Typical Half-Bridge Application Circuit
0
IC2
FAN7319
20-SOIC
VOLP
REF
BDIM
ADIM
CMP
TIMER
RT
RT1
OUTB
OUTA
VIN
OLR
OLP
MODE
OVPR
ENA
SENSE
GND
OUTC
OUTD
VIN
VIN
D8
BAV70
SOT-23
R15
10k
R22
30k
R20
33
1W
R27
33
1W
R301
68R
C301
OPEN
R55
47k
ZD301
15V
SOD-123
C6
25pF/6KV
C5
680nF
600V
C24
2.2u
C15
10n
C401
OPEN
C402
1n
R58
33k
C52
82uF
450V
R304
1k
F1
FUSE
R30
open
C51
82uF
450V
C29
1u
C3
25pF/6KV
R52
4.7R
ZD401
15V
SOD-123
R59
0R
D10 BAV70
SOT-23
R28
OPEN
1W
C28
1n
R303
12k
R38
10k
R19
15k
R16
30k
C1
47uF
25V
Q301
Q2N2222A
SOT-23
CN4
CN_CCFL
R14
10k
C23
2.2u
M3
FDPF7N50F
TO-220F
D401
BAV70
SOT-23
R31
33k
R403
12k
CN2
12505WR-5
1
2
3
4
5
R57
100k
R12
10k
R302
1.8R
R44
10k
R305
12k
M4
FDPF7N50F
TO-220F
C302
1n
R401
68R
R56
22R
R402
1.8R
T 3
C25
100n
C26
1n
D301
BAV70
SOT-23
C7
15n\
R60
OPEN
R21
OPEN
1W
R405
12k
Q401
Q2N2222A
SOT-23
C8
15n
C27
100n
R35
15k
CN3
CN_CCFL
R404
1k
R53
10k
R54
68k
T 2
PFC_OUT(380Vdc)
OLP
SENSE
OLR
OUTB
OUTA
OUTA
OUTB
OLP
SENSE
OLR
0
0
0
R306
22R
0
0
0
REF
0
0
0
0
BDIM(External only)
VIN(10~24V)
0
Puls e
Trans form er
ENA
ADIM (Positive)
C11
22p
REF
R307
22R
R33
open
C16
1n
R34
30k


Similar Part No. - FAN7319M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7310 FAIRCHILD-FAN7310 Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
FAN7310 FAIRCHILD-FAN7310 Datasheet
99Kb / 3P
   LCD Backlight Inverter Drive Integrated Circuit
FAN7310G FAIRCHILD-FAN7310G Datasheet
360Kb / 10P
   LCD Back Light Inverter Drive IC
FAN7310G FAIRCHILD-FAN7310G Datasheet
359Kb / 12P
   LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7319M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com