Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4146ESX Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN4146ESX
Description  Ground Fault Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4146ESX Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN4146ESX Datasheet HTML 1Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 2Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 3Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 4Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 5Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 6Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 7Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 8Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4146 • Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Condition
Min.
Max.
Unit
ICC
Supply Current
Continuous Current, Line to Neutral
15
mA
VCC
Supply Voltage
Continuous Voltage, Line to Neutral
-1.5
16.0
V
All other pins
Continuous Voltage to Neutral
-0.8
15.0
V
TSTG
Storage Temperature Range
-65
+150
°C
ESD
Electrostatic Discharge Capability
Human Body Model, JESD22-A114
2500
V
Charged Device Model, JESD22-C101
1000
Machine Model, JESD22-A115
200
DC Electrical Characteristics
Unless otherwise specified, TA=25°C, Ishunt=1mA.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VREG
Power Supply Shunt Regulator
Voltage
Line to Neutral
12.2
12.7
13.2
V
Line to Neutral, Ishunt=-2mA
-0.9
-0.7
IQ
Quiescent Current
Line to Neutral=10V
350
400
450
µA
VREF
Reference Voltage
VREF to Neutral
5.8
6.0
6.2
V
VTH
Trip Threshold
AmpOut to VREF
3.4
3.5
3.6
V
VOS
Amplifier Offset
RSET=511KΩ, RIN=500Ω
-450
0
450
µV
IOS
Amplifier Input Offset
(5)
Design Value
-50
0
50
nA
G
Amplifier DC Gain
(5)
Design Value
100
dB
fGBW
Amplifier Gain Bandwidth
(5)
Design Value
1.5
MHz
VSW+
Amplifier Positive Voltage Swing AmpOut to VREF, IFAULT=10µA
4.0
V
VSW-
Amplifier Negative Voltage Swing VREF to AmpOut, IFAULT=-10µA
4.0
V
ISINK
Amplifier Current Sink
AmpOut=VREF + 3V,
VFB=VREF + 100mV
400
µA
ISRL
Amplifier Current Source
AmpOut=VREF – 3V,
VFB=VREF - 100mV
400
µA
td
Delay Filter
Delay from C1 Trip to SCR,
LOW to HIGH
0.75
1.00
1.25
ms
ROUT
SCR Output Resistance
SCR to Neutral=250mV,
AmpOut=VREF
0.5
1.0
K
Ω
VOUT
SCR Output Voltage
SCR to Neutral, AmpOut=VREF
1
10
mV
SCR to Neutral,
AmpOut =VREF +4V
2.5
V
IOUT
SCR Output Current
SCR to Neutral=1V
AmpOut=VREF + 4V
350
500
µA
Note:
5.
Guaranteed by design; not tested in production.


Similar Part No. - FAN4146ESX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4146ESX ONSEMI-FAN4146ESX Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results

Similar Description - FAN4146ESX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com