Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2108EMPX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN2108EMPX
Description  TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2108EMPX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2108EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN2108EMPX_12 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2108 • Rev. 1.0.2
11
Calculating the Inductor Value
Typically the inductor is set for a ripple current (
ΔIL) of
10% to 35% of the maximum DC load. Regulators
requiring fast transient response use a value on the high
side of this range; while regulators that require very low
output ripple and/or use high-ESR capacitors restrict
allowable ripple current.
f
)
V
-
(1
V
OUT
OUT
Δ
=
L
IN
I
V
L
(4)
where f is the oscillator frequency.
Setting the Ramp Resistor Value
The internal ramp voltage excursion (∆VRAMP) during tON
should be set to 0.6 V at nominal operating point. RRAMP
is approximately:
2
10
18
)
8
.
1
(
6
)
(
=
Ω
f
V
x
V
V
R
IN
OUT
IN
K
RAMP
(5)
where frequency (f) is expressed in KHz.
Setting the Current Limit
The current limit system involves two comparators. The
MAX ILIMIT comparator is used with a VILIM fixed-voltage
reference and represents the maximum current limit
allowable. This reference voltage is temperature
compensated to reflect the RDSON variation of the low-
side MOSFET. The ADJUST ILIMIT comparator is used
where the current limit needs to be set lower than the
VILIM fixed reference. The 10 µA current source does not
track the RDSON changes over temperature, so change is
added into the equations for calculating the ADJUST
ILIMIT comparator reference voltage, as is shown below.
Figure 22 shows a simplified schematic of the over-
current system.
Figure 22. Current-Limit System Schematic
Since the ILIM voltage is set by a 10 µA current source
into the RILIM resistor, the basic equation for setting the
reference voltage is:
VRILIM = 10µA*RILIM
(6)
To calculate RILIM:
RILIM = VRILIM/ 10µA
(7)
The voltage VRILIM is made up of two components, VBOT
(which relates to the current through the low-side
MOSFET) and VRMPEAK (which relates to the peak
current through the inductor). Combining those two
voltage terms results in:
RILIM = (VBOT + VRMPEAK)/ 10µA
(8)
RILIM = {0.96 + (ILOAD * RDSON *KT*8)} +
{D*(VIN – 1.8)/(fSW*0.03*RRAMP)}/10µA
(9)
where:
VBOT = 0.96 + (ILOAD * RDSON *KT*8);
VRMPEAK = D*(VIN – 1.8)/(fSW*0.03*RRAMP);
ILOAD = the desired maximum load current;
RDSON = the nominal RDSON of the low-side MOSFET;
KT = the normalized temperature coefficient for the
low-side MOSFET (on datasheet graph);
D = VOUT/VIN duty cycle;
fSW = Clock frequency in kHz; and
RRAMP = chosen ramp resistor value in k
Ω.
After 16 consecutive, pulse-by-pulse, current-limit
cycles, the fault latch is set and the regulator shuts
down. Cycling VCC or EN restores operation after a
normal soft-start cycle (refer to the Auto-Restart
section)
.
The over-current protection fault latch is active during
the soft-start cycle. Use 1% resistor for RILIM.
Loop Compensation
The loop is compensated using a feedback network
around the error amplifier. Figure 23 shows a complete
type-3 compensation network. For type-2 compensation,
eliminate R3 and C3.
Figure 23. Compensation Network
Since the FAN2108 employs summing current-mode
architecture, type-2 compensation can be used for many
applications. For applications that require wide loop
bandwidth and/or use very low-ESR output capacitors,
type-3 compensation may be required.
Protection
+
_
VCC
10µA
ILIMIT
ILIM
RILIM
+
_
ILIMIT
ADJUST
MAX
+
_
COMP
PWM
VERR
PWM
ILIMTRIP
VILIM
RAMP


Similar Part No. - FAN2108EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2108EMPX FAIRCHILD-FAN2108EMPX Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2108EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com