Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN21SV06EMPX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN21SV06EMPX
Description  TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV06EMPX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN21SV06EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 14Page - Fairchild Semiconductor FAN21SV06EMPX_12 Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV06 Rev. 1.0.3
11
Typical Performance Characteristics (Continued)
Typical operating characteristics using the circuit shown in Figure 10, unless otherwise specified.
1.8V_Eff 8-24V_600Khz
70
75
80
85
90
95
01
234
56
Load (A)
8V
12V
16V
20V
24V
3.3V_Eff 8-24V_600Khz
70
75
80
85
90
95
01
234
56
Load (A)
8V
12V
16V
20V
24V
Figure 24. 1.8 VOUT Efficiency 600 KHz
Figure 25. 3.3 VOUT Efficiency 600 KHz
5V_Eff12-24V_300Khz
70
75
80
85
90
95
01
23
45
6
Load (A)
12V
16V
20V
24V
5V_PWRLOSS_12-24V_300Khz
0
0.5
1
1.5
2
2.5
3
0
123
45
6
Load (A)
12V
16V
20V
24V
Figure 26. 5 VOUT Efficiency 300 KHz
(Circuit Values Change)
Figure 27. Device Power Loss (5 VOUT, 300 KHz)
(Circuit Values Change)
1.8V_Eff, 12V Input
70
75
80
85
90
95
0
1
23
45
6
Load (A)
300Khz
400Khz
500Khz
600Khz
Vout Vs Load Current
Input Voltage = 20V
Temperature rise = 80DegC
0
1
2
3
4
5
6
7
01
23
4
5
67
89
10
11
12
13
Vout (V)
20Vin_500Khz
20Vin_600Khz
Figure 28. 1.8 VOUT Efficiency Over fSW
(Circuit Values Change)
Figure 29. Typical Output Operating Area Based on
Thermal Limitations (Circuit Values Change)
Using DR1050-2R2-R
Inductor from Cooper
Using DR1050-2R2-R
Inductor from Cooper


Similar Part No. - FAN21SV06EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV06EMPX FAIRCHILD-FAN21SV06EMPX Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
More results

Similar Description - FAN21SV06EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com