Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN21SV04EMPX Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FAN21SV04EMPX
Description  TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN21SV04EMPX Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN21SV04EMPX_12 Datasheet HTML 2Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 3Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 4Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 5Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN21SV04EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN21SV04 • Rev. 1.0.3
6
Electrical Characteristics (Continued)
Recommended operating conditions using the circuit shown in Figure 1 with VIN, VIN_Reg=12 V, unless otherwise
noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Control Functions
EN Threshold, Rising
1.35
2.00
V
EN Hysteresis
250
mV
EN Pull-Up Resistance
VIN_Reg >6.5 V
800
K
Ω
EN Discharge Current
Auto-Restart Mode, VIN_Reg>6.5 V
1
µA
FB OK Drive Resistance
800
1000
K
Ω
PGOOD Low Threshold
FB < VREF, 2 Consecutive Clock Cycles
(3)
-14.0
-11.0
-8.0
%VREF
FB > VREF, 2 Consecutive Clock Cycles
(3)
+7.0
+10.0
+13.5
PGOOD Low Voltage
IOUT < 2 mA
0.4
V
PGOOD Leakage Current
VPGOOD=5 V
0.2
1.0
µA
Protection and Shutdown
Current Limit
RILIM open, fSW=500 KHz, VOUT=1.8 V,
RRAMP=200 k
Ω, 16 Consecutive Clock
Cycles
(3)
5.5
6.5
7.5
A
ILIM Current
VIN_Reg > 6.5 V, TA=25°C
-11
-10
-9
µA
Over-Temperature Shutdown
Internal Temperature
+155
°C
Over-Temperature Hysteresis
+30
°C
Over-Voltage Threshold
2 Consecutive Clock Cycles
(3)
110
115
120
%VOUT
Under-Voltage Shutdown
16 Consecutive Clock Cycles
(3)
68
73
78
%VOUT
Fault-Discharge Threshold
Measured at FB pin
250
mV
Fault-Discharge Hysteresis
Measured at FB pin (VFB ~500 mV)
250
mV
Note:
3.
Delay times are not tested in production. Guaranteed by design.


Similar Part No. - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN21SV04EMPX FAIRCHILD-FAN21SV04EMPX Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
More results

Similar Description - FAN21SV04EMPX_12

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110_12 Datasheet
1Mb / 18P
   TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com