Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXN3020VMM1R Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPXN3020VMM1R
Description  PXS30 Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXN3020VMM1R Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPXN3020VMM1R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 11Page - Freescale Semiconductor, Inc SPXN3020VMM1R Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Introduction
Freescale Semiconductor
8
Floating point
—IEEE
 754 compatible with software wrapper
— Single precision in hardware; double precision with software library
— Conversion instructions between single precision floating point and fixed point
Long cycle time instructions (except for guarded loads) do not increase interrupt latency in the
PXS30
To reduce latency, long cycle time instructions are aborted upon interrupt requests
Extensive system development support through Nexus debug module
1.5.2
Crossbar switch (XBAR)
32-bit address bus, 64-bit data bus
Simultaneous accesses from different masters to different slaves (there is no clock penalty when a
parked master accesses a slave)
1.5.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (DMA,
FlexRay, CPU) can be assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
1.5.4
Enhanced Direct Memory Access (eDMA) controller
32 channels support independent 8-, 16-, 32-bit single value or block transfers
Supports variable-sized queues and circular queues
Source and destination address registers are independently configured to post-increment or remain
constant
Each transfer is initiated by a peripheral, CPU, or eDMA channel request
Each eDMA channel can optionally send an interrupt request to the CPU on completion of a single
value or block transfer
1.5.5
Interrupt Controller (INTC)
208 peripheral interrupt requests
8 software settable sources
Unique 9-bit vector per interrupt source
16 priority levels with fixed hardware arbitration within priority levels for each interrupt source
Priority elevation for shared resources


Similar Part No. - SPXN3020VMM1R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXN1005VLQ120R FREESCALE-SPXN1005VLQ120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
SPXN1005VLQ120R FREESCALE-SPXN1005VLQ120R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
SPXN1005VLQ64R FREESCALE-SPXN1005VLQ64R Datasheet
717Kb / 130P
   PXD10 Microcontroller
SPXN1005VLQ64R FREESCALE-SPXN1005VLQ64R Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
SPXN1005VLU120R FREESCALE-SPXN1005VLU120R Datasheet
717Kb / 130P
   PXD10 Microcontroller
More results

Similar Description - SPXN3020VMM1R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXS30FS FREESCALE-PXS30FS Datasheet
700Kb / 2P
   PXS30 Family Built on Power Architecture짰 Technology
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com