Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICX282AKF Datasheet(PDF) 34 Page - Sony Corporation

Part # ICX282AKF
Description  Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ICX282AKF Datasheet(HTML) 34 Page - Sony Corporation

Back Button ICX282AKF Datasheet HTML 30Page - Sony Corporation ICX282AKF Datasheet HTML 31Page - Sony Corporation ICX282AKF Datasheet HTML 32Page - Sony Corporation ICX282AKF Datasheet HTML 33Page - Sony Corporation ICX282AKF Datasheet HTML 34Page - Sony Corporation ICX282AKF Datasheet HTML 35Page - Sony Corporation ICX282AKF Datasheet HTML 36Page - Sony Corporation ICX282AKF Datasheet HTML 37Page - Sony Corporation ICX282AKF Datasheet HTML 38Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
Drive Timing Chart (Vertical Sync)
NTSC/PAL
8
××××× Speed Mode
∗ 3022fH. However, 249H in NTSC mode is 1294 clk, and 298H in PAL mode is 2466 clk.
HD
VD
V1A
" j "
V1B/C
V2
V3A
V3B/C
V4
CCD
OUT
" j "
NTSC
PAL


Similar Part No. - ICX282AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results

Similar Description - ICX282AKF

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX282AQ SONY-ICX282AQ Datasheet
529Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX282AK SONY-ICX282AK Datasheet
507Kb / 48P
   Diagonal 11mm (Type 2/3) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AK SONY-ICX224AK Datasheet
388Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQF SONY-ICX224AQF Datasheet
379Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX413AQ SONY-ICX413AQ Datasheet
187Kb / 18P
   Diagonal 28.40mm (Type 1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX224AQ SONY-ICX224AQ Datasheet
376Kb / 24P
   Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX285AQ SONY-ICX285AQ Datasheet
219Kb / 23P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX085AK SONY-ICX085AK Datasheet
199Kb / 19P
   Diagonal 11mm (Type 2/3) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX252AKF SONY-ICX252AKF Datasheet
482Kb / 30P
   Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com