Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPXD2010VLQ120R Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # SPXD2010VLQ120R
Description  32-bit Power Architecture짰 Microcontrollers for Highly Reliable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPXD2010VLQ120R Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  SPXD2010VLQ120R Datasheet HTML 1Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 2Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPXD2010VLQ120R Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PXS20 Product Brief, Rev. 1
Application Examples
Freescale Semiconductor
2
system. In order to minimize software overhead and improve operational reliability, all major systems such
as CPU core, DMA controller, interrupt controller, crossbar bus system, memory systems, peripheral
systems, and memory protection unit, include built in redundancy and or robust system monitoring. Lock
Step Redundancy Checking Units are implemented at each output of this Sphere of Replication (SoR).
ECC is available for on-chip RAM and flash memories. A programmable fault collection and control unit
monitors the integrity status of the device and provides flexible safe state control.
The host processor core of the PXS20 is the latest CPU from the e200 family of compatible Power
Architecture® cores. The e200z4d 5-stage pipeline dual issue core provides a very high level of efficiency,
allowing high performance with minimum power consumption.
The peripheral set provides high-end electrical motor control capability with very low CPU intervention,
thanks to the on-chip Cross Triggering Unit (CTU).
This device incorporates high-performance 90 nm embedded flash-memory technology to provide sub-
stantial cost reduction per feature and significant performance improvement.
1
Application Examples
The PXS20 can be used for a variety of safety applications such as:
Safety shutdown systems
Solar inverters
Motor drives
Factory automation
Aerospace
Robotics
2Features
This section describes the features of the PXS20 family.


Similar Part No. - SPXD2010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPXD2010VLQ120R FREESCALE-SPXD2010VLQ120R Datasheet
667Kb / 119P
   PXS20 Microcontroller
More results

Similar Description - SPXD2010VLQ120R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
PXR40PB FREESCALE-PXR40PB Datasheet
116Kb / 23P
   32-bit Power Architecture짰 Microcontrollers for Real-Time Applications
PXD10PB FREESCALE-PXD10PB Datasheet
128Kb / 26P
   32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
PXN20PB FREESCALE-PXN20PB Datasheet
119Kb / 23P
   32-bit Power Architecture짰 Dual Core Microcontrollers for Industrial Networking
logo
STMicroelectronics
SPC572LX STMICROELECTRONICS-SPC572LX Datasheet
2Mb / 112P
   32-bit Power Architecture짰 based MCU for automotive powertrain applications
July 2017
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
TWR-PXN20 FREESCALE-TWR-PXN20 Datasheet
802Kb / 8P
   32-bit Dual-Core Power Architecture짰 MCU for Connected Performance
TWR-PXR40 FREESCALE-TWR-PXR40 Datasheet
729Kb / 8P
   32-bit Power Architecture짰 MCU for High-Performance Real-Time Applications
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com